Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 66 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 62Page - STMicroelectronics L99PM62XP Datasheet HTML 63Page - STMicroelectronics L99PM62XP Datasheet HTML 64Page - STMicroelectronics L99PM62XP Datasheet HTML 65Page - STMicroelectronics L99PM62XP Datasheet HTML 66Page - STMicroelectronics L99PM62XP Datasheet HTML 67Page - STMicroelectronics L99PM62XP Datasheet HTML 68Page - STMicroelectronics L99PM62XP Datasheet HTML 69Page - STMicroelectronics L99PM62XP Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
ST SPI
L99PM62XP
66/98
Doc ID 16363 Rev 4
6
ST SPI
6.1
SPI communication flow
6.1.1
General description
The proposed SPI communication is based on a standard SPI interface structure using CSN
(Chip Select Not), SDI (Serial Data In), SDO (Serial Data Out/Error) and SCK (Serial Clock)
signal lines.
At device start-up the master reads the <SPI-frame-ID> register (ROM address 3EH) of the
slave device. This 8-bit register indicates the SPI frame length (24bit) and the availability of
additional features.
Each communication frame consists of an instruction byte which is followed by 2 data bytes.
The data returned on SDO within the same frame always starts with the <Global Status>
register. It provides general status information about the device. It is followed by 2 data
bytes (i. e. ‘In-frame-response’).
For write cycles the <Global Status> register is followed by the previous content of the
addressed register.
For read cycles the <Global Status> register is followed by the content of the addressed
register.
A write command is only accepted as a valid command by the device if the counted number
of clocks is exact 24, otherwise the command is rejected.
Command byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Write>, <Read>, <Read and Clear>, <Read Device
Information>) and a 6 bit address. If less than 6 address bits are required, the remaining bits
are unused but are reserved.
OCx: operating code
Ax: address
6.1.2
Operating code definition
Table 41.
Command byte
MSB
LSB
Op code
Address
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 42.
Operating code definition
OC1
OC0
Meaning
0
0
<Write Mode>
0
1
<Read Mode>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com