Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 89 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 85Page - STMicroelectronics L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics L99PM62XP Datasheet HTML 92Page - STMicroelectronics L99PM62XP Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 4
89/98
6.2.3
Status registers
Table 92.
Overview of status register data bytes
1st data byte <15:8>
2nd data byte <7:0>
Status register 1, data <15:0>
Function
OL
HS
OL
OUT4
OL
OUT3
OL
OUT2
OL
OUT1
UV
V2
fail
V2
short
OV
OC
HS
OC
Out4
OC
Out3
OC
OUT2
OC
Out1
OC
Rel2
OC
Rel1
Group
Diagnosis 1
Diagnosis 2
Status register 2, data <15:0>
Function
WU3
state
WU2
state
WU1
state
WU3
wake
WU2
wake
WU1
Wake
Wake
CAN
Wake
LIN
Wake
Timer
int
LIN
perm.
dom.
LIN
TxD
perm dom.
LIN
perm.
rec.
CAN
RxD
perm rec.
CAN
perm.
rec.
CAN
perm.
dom.
CAN
TxD
perm dom
Group
Diagnosis 3
Diagnosis 4
Status register 3, data <15:0>
Function TSD1
TW
Device
state
Device
state
V1
fail
V1
restart
V1
restart
V1
restart
WD
fail
WD
fail
WD
fail
WD
fail
Forced
sleep
WD
Forced
sleep
TSD2
SHTV1
WD
timer
state
WD
timer
state
Group
Diagnosis 5
Diagnosis 6
Table 93.
Global status register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
value
Active high/low
High
High
Low
High
High
High
High
High
Default value in
normal mode -
after correct WD
trigger or after
read & clear on
error flags
0
0100
000
20
Power ON
1
0000
000
80
Power ON
weak battery(7)
1
0000
010
82
Communication
error
1
1000
000
C0
Vs over or
under-voltage
1
0100
010
A2
WD failure
1
0100
001
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com