Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 74 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 70Page - STMicroelectronics L99PM62XP Datasheet HTML 71Page - STMicroelectronics L99PM62XP Datasheet HTML 72Page - STMicroelectronics L99PM62XP Datasheet HTML 73Page - STMicroelectronics L99PM62XP Datasheet HTML 74Page - STMicroelectronics L99PM62XP Datasheet HTML 75Page - STMicroelectronics L99PM62XP Datasheet HTML 76Page - STMicroelectronics L99PM62XP Datasheet HTML 77Page - STMicroelectronics L99PM62XP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
ST SPI
L99PM62XP
74/98
Doc ID 16363 Rev 4
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the content of the register to be read.
Figure 38.
Format of data shifted out at SDO during read and clear status operation
6.1.11
Read device information
The device information is stored at the ROM addresses defined below and is read using the
respective operating code.
Table 64.
Read device information
Op code
ROM
address
Device information
Value
OC1
OC0
1
1
3FH
Reserved
00
11
3EH
<SPI frame ID>
includes frame width and availability of watchdog
42 Hex
1
1
04H to 3DH
unused
00
11
03H
<product code 2>
unique product identifier
4E Hex
11
02H
<product code 1>
unique product identifier
44 Hex
11
01H
<silicon version>
indicates Design Version
According to
silicon
version
11
00H
<ID Header>
device family max adress of device information
43 Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com