Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 84 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 80Page - STMicroelectronics L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics L99PM62XP Datasheet HTML 85Page - STMicroelectronics L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
ST SPI
L99PM62XP
84/98
Doc ID 16363 Rev 4
Table 84.
Control register 4, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0
0
1
0
1
0
0
1
1
1
1
0
1
1
0
Function
RES
ICMP
OutHS
Rec
En
Vlock
Out_en
RES
LS
OV/UV
shut
down_en
V1
Reset
Lev_2
V1
Reset
Lev_1
LIN
Pu
En
Res
Lin
TxD
Tout
En
CAN
ACT
CAN
Loop
En
CAN
Patt.
wake
En
CAN
split
On
CAN
Rec
only
Group
Control (other)
Transceiver settings
Table 85.
Control register 4, bits
Bit
Name
Comment
15
Res
Reserved; must be set to zero
14
Icmp
V1 load current supervision
0
Enabled; Watchdog is disabled in V1 Standby when the
V1loadcurrent < Icmpthreshold
1
Disabled; Watchdog is automatically disabled when V1
standby is entered
13
OUTHS_rec_en
Overcurrent Auto recovery mode for OUTHS
0Disabled
1
Enabled
12
Vlock_out_en
Voltage lock out: OV/UV status
0
Over/under voltage status recovers automatically when
condition disappears
1
Over/under voltage status is latched until a read and clear
command is performed
11
Res
Reserved
10
LS_OV/UV
shut_down_en
Shutdown of low-side drivers in case of over-/under voltage
0
No shutdown of low-sides in case of over/under voltage
1
Shutdown low-sides in case of over/under voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com