Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 90 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics L99PM62XP Datasheet HTML 92Page - STMicroelectronics L99PM62XP Datasheet HTML 93Page - STMicroelectronics L99PM62XP Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
ST SPI
L99PM62XP
90/98
Doc ID 16363 Rev 4
Status register 1
SPI error (DI
stuck)
1
0100
001
A1
TSD1
1
0101
000
A8
TSD2
1
0111
001
B9
V1 fail
1
0100
100
A4
Other device
failure(8)
1
0100
000
A0
1.
The following status bits are reported in the global error flag:
Global status register: Bits 0 - 6
Status register 1: Bits 0 – 10
Status register 3: Bits 2, 3, 15
2.
Invalid CLOCK COUNT.
3.
Cleared with CLR command on SR3.
4.
Cleared with “READ and CLEAR” on SR3 (-> TSD1).
5.
Diagnosis bit only, Vs Fail is not a fail-safe event; cleared by read&clear. Bit is automatically cleared at (Vs > VsUV) and.
(Vs < VsOV) if Vlock_out_en = 0.
6.
Cleared with a valid WD trigger (WD fail) or by clearing the corresponding status register related to failure.
7.
Slow Vs ramp-up (Vs undervoltage is filtered with 64 µs after Power-on reset).
8.
The global error flag is raised due to a failure condition which is not reported in the global status register. The Failure is
reported in the status registers 1 – 3.
Table 93.
Global status register (continued)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
value
Table 94.
Status register 1: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
Bit <15:8>
Bit<7:0>
x
x
010001
Data, 8bit
Data, 8 bit
Table 95.
Status register 1, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Function
OL
HS
OL
OUT4
OL
OUT3
OL
OUT2
OL
OUT1
UV
V2
fail
V2
short
OV
OC
HS
OC
Out4
OC
Out3
OC
OUT2
OC
Out1
OC
Rel2
OC
Rel1
Group
Diagnosis 1
Diagnosis 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com