Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 28Page - STMicroelectronics L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics L99PM62XP Datasheet HTML 31Page - STMicroelectronics L99PM62XP Datasheet HTML 32Page - STMicroelectronics L99PM62XP Datasheet HTML 33Page - STMicroelectronics L99PM62XP Datasheet HTML 34Page - STMicroelectronics L99PM62XP Datasheet HTML 35Page - STMicroelectronics L99PM62XP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
Description
L99PM62XP
32/98
Doc ID 16363 Rev 4
Wake up from short to GND condition
Even if CAN pattern wake up option is enabled, but the CAN transceiver was set in standby
mode after a qualified permanent dominant state, recessive level at CAN, switches the
L99PM62XP to active mode.
No pattern wake up
If the CAN pattern wake up option is disabled, any transition either dominant (low) state to
recessive (high) state or recessive (high) state to dominant (low) state switches the
L99PM62XP to active mode (after a filtering time of 2 µs).
Note:
A wake up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
Figure 18.
CAN wake up capabilities
Note:
Pictures above illustrate the wake up behaviour from V1 standby mode. For wake up from
VBAT standby mode the NRESET signal (with 2 ms timing) is generated instead of the RXDL
(Interrupt) signal.
2.9.3
CAN sleep mode
During active mode it is possible to deactivate the CAN transceiver with a dedicated SPI
command (CR4, CAN_act = 0). The CAN transceiver remains deactivated until it is
activated again. With a deactivated CAN the receiver input termination network is
disconnected from the bus and the CANH, CANL bus lines is driven to GND. The SPLIT
output is also deactivated in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com