Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43LR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
IS43/46LR32320C
IS43/46LR16640C
11
Rev. 0A | October 2022
www.issi.com - dram@issi.com
1Gb (x16, x32) Mobile DDR SDRAM
Description
The IS43/46LR16640C/32320C is 1,073,741,824 bits CMOS Mobile Double Data Rate Synchronous DRAM organized as 4 banks of 64Meg
words of 16bits or 32Meg words of 32bits. This product uses a double-data-rate architecture to achieve high-speed operation. The Data
Input/ Output signals are transmitted on a 16-bit or 32-bit bus. The double data rate architecture is essentially a 2
N prefetch architecture
with an interface designed to transfer two data words per clock cycle at the I/O pins. This product offers fully synchronous operations
referenced to both rising and falling edges of the clock. The data paths are internally pipelined and 2n-bits prefetched to achieve very high
bandwidth. All input and output voltage levels are compatible with LVCMOS.
Features
• JEDEC standard 1.8V power supply.
• VDD = 1.8V, VDDQ = 1.8V
• Four internal banks for concurrent operation
• MRS cycle with address key programs
- CAS latency 2, 3 (clock)
- Burst length (2, 4, 8, 16)
- Burst type (sequential & interleave)
• Fully differential clock inputs (CK, /CK)
• All inputs except data & DM are sampled at the rising
edge of the system clock
• Data I/O transaction on both edges of data strobe
• Bidirectional data strobe per byte of data (DQS)
• DM for write masking only
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• 64ms refresh period (8K cycle)
• Auto & self refresh
• Concurrent Auto Precharge
• Maximum clock frequency up to 208MHZ
• Maximum data rate up to 416Mbps/pin
• Power Saving support
- PASR (Partial Array Self Refresh)
- Auto TCSR (Temperature Compensated Self Refresh)
- Deep Power Down Mode
- Programmable Driver Strength Control by Full Strength
or 1/2, 1/4, 1/8 or 3/4 of Full Strength
• Status Register Read (SRR)
• LVCMOS compatible inputs/outputs
• Operation Temperature:
- Commercial (TA= 0 ~ 70 °C )
- Industrial (TA= -40 ~ 85 °C )
- Automotive, A1 (TA= -40 ~ 85 °C )
- Automotive, A2 (TA= -40 ~ 105 °C )
Copyright © 2022 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
Preliminary Information
OCTOBER 2022
OPTIONS
• Configuration:
- 64Mx16 (16M x16 x 4 banks)
- 32Mx32 (8M x32 x 4 banks)
• Packages:
- 60-Ball TFBGA (8x10 mm) for x16
- 90-Ball TFBGA (8x13 mm) for x32


Similar Part No. - IS43LR16640C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
Four internal banks for concurrent operation
More results

Similar Description - IS43LR16640C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
16M x16 Mobile DDR SDRAM
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
32M x16 Mobile-DDR SDRAM
K4X56323PG SAMSUNG-K4X56323PG Datasheet
242Kb / 23P
8M x32 Mobile-DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
16M x16 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H55S1G62MFP-60 HYNIX-H55S1G62MFP-60 Datasheet
711Kb / 53P
1Gb (64Mx16bit) Mobile SDRAM
logo
Integrated Silicon Solu...
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Nanya Technology Corpor...
NT6DM64M16BD NANYA-NT6DM64M16BD Datasheet
3Mb / 81P
Commercial Mobile DDR 1Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com