Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 45 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 45 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
45
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Configuration
Frequency
(MHz)
Speed
(ns)
Order Part No.
Package
64Mx16
208
4.8
IS43LR16640C-5BL
60-ball BGA, Lead-free
166
6
IS43LR16640C-6BL
60-ball BGA, Lead-free
32Mx32
208
4.8
IS43LR32320C-5BL
90-ball BGA, Lead-free
166
6
IS43LR32320C-6BL
90-ball BGA, Lead-free
Ordering Information – VDD = 1.8V
Commercial Range: (0oC to +70oC)
Industrial Range: (-40oC to +85oC)
Note:
1. The -6 speed option supports -75 timing specifications.
2. The -5 speed option supports operation at 200MHz. Refer to timing specifications.
Automotive A1: (-40oC to +85oC)
Automotive A2: (-40oC to +105oC)
Configuration
Frequency
(MHz)
Speed
(ns)
Order Part No.
Package
64Mx16
208
4.8
IS43LR16640C-5BLI
60-ball BGA, Lead-free
166
6
IS43LR16640C-6BLI
60-ball BGA, Lead-free
32Mx32
208
4.8
IS43LR32320C-5BLI
90-ball BGA, Lead-free
166
6
IS43LR32320C-6BLI
90-ball BGA, Lead-free
Configuration
Frequency
(MHz)
Speed
(ns)
Order Part No.
Package
64Mx16
208
4.8
IS46LR16640C-5BLA1
60-ball BGA, Lead-free
166
6
IS46LR16640C-6BLA1
60-ball BGA, Lead-free
32Mx32
208
4.8
IS46LR32320C-5BLA1
90-ball BGA, Lead-free
166
6
IS46LR32320C-6BLA1
90-ball BGA, Lead-free
Configuration
Frequency
(MHz)
Speed
(ns)
Order Part No.
Package
64Mx16
208
4.8
IS46LR16640C-5BLA2
60-ball BGA, Lead-free
166
6
IS46LR16640C-6BLA2
60-ball BGA, Lead-free
32Mx32
208
4.8
IS46LR32320C-5BLA2
90-ball BGA, Lead-free
166
6
IS46LR32320C-6BLA2
90-ball BGA, Lead-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com