Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS43LR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Table 2 : Pin Descriptions
Symbol
Type
Function
Descriptions
CK, /CK
Input
System Clock
The system clock input. CK and /CK are differential clock
inputs. All address and control input signals are registered on
the crossing of the rising edge of CK and falling edge of /CK.
Input and output data is referenced to the crossing of CK and
/CK.
CKE
Input
Clock Enable
CKE is clock enable controls input. CKE HIGH activates, and
CKE LOW deactivates internal clock signals, and device input
buffers and output drivers. CKE is synchronous for all functions
except for SELF REFRESH EXIT, which is achieved
asynchronously.
/CS
Input
Chip Select
/CS enables (registered Low) and disables (registered High)
the command decoder. All commands are masked when /CS
IS REGISTERED high. /CS provides for external bank selection
on systems with multiple banks. /CS is considered part of the
command code.
BA0, BA1
Input
Bank Address
BA0 and BA1 define to which bank an ACTIVE, READ, WRITE,
or PRECHARGE command is being applied. BA0 and BA1 also
determine which mode register (standard mode register or
extended mode register) is loaded during a LOAD MODE
REGISTER command.
A0~A13 (x16)
A0~A12 (x32)
Input
Address
Row Address
: RA0~RA13 (x16)
RA0~RA12 (x32)
Column Address
: CA0~CA9
Auto Precharge
: A10
/RAS, /CAS, /WE
Input
Row Address Strobe,
Column Address Strobe,
Write Enable
/RAS, /CAS and /WE define the operation.
Refer function truth table for details.
LDM, UDM
(x16)
DM0~DM3
(x32)
Input
Data Input Mask
DM is an input mask signal for write data. Input data
is masked when DM is sampled HIGH along with that input
data during a WRITE access. DM is sampled on both edges of
DQS. Although DM balls are input-only.
DQ0~DQ15 (x16)
DQ0~DQ31 (x32)
In/Output
Data Input/Output
Data input/output pin.
LDQS, UDQS
(x16)
DQS0~DQS3
(x32)
In/Output
Data Input/Output
Strobe
Output with read data, input with write data. DQS is edge-
aligned with read data, centered in write data. Data strobe is
used to capture data.
VDD
Supply
Power Supply
Power supply
VSS
Supply
Ground
Ground
VDDQ
Supply
DQ Power Supply
Power supply for DQ
VSSQ
Supply
DQ Ground
Ground for DQ
NC
NC
No Connection
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com