Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Mode Register
The mode register is used to define the specific mode of operation of the Mobile DDR SDRAM. This definition includes the selection of a
burst length, a burst type, a CAS latency. The mode register is programmed via the LOAD MODE REGISTER command and will retain the
stored information until programmed again, the device goes into deep power-down mode, or the device loses power.
Mode register bits A0-A2 specify the burst length, A3 specifies the type of burst (sequential or interleaved), A4-A6 specify the CAS latency,
and A7-A12(A13) should be set to zero. BA0 and BA1 must be zero to access the mode register.
The mode register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the subsequent
operation. Violating either of these requirements will result in unspecified operation.
Burst Length
Read and write accesses to the Mobile DDR SDRAM are burst oriented, with the burst length being programmable, as shown in Figure
(Mode Register Set Definition). The burst length determines the maximum number of column locations that can be accessed for a given
READ or WRITE command. Burst lengths of 2, 4, or 8 are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a READ or WRITE
command is issued, a block of columns equal to the burst length is effectively selected. All accesses for that burst take place within this
block, meaning that the burst will wrap within the block if a boundary is reached. The block is uniquely selected by A1-A9 when the burst
length is set to two; by A2-A9 when the burst length is set to four; by A3-A9 when the burst length is set to eight; and by A4-A9 when the
burst length is set to sixteen. The remaining (least significant) address bit(s) is (are) used to select the starting location within the block.
The programmed burst length applies to both READ and WRITE bursts.
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first bit of output
data. The latency can be set to 2, 3 clocks, as shown in Figure (Standard Mode Register Definition).
For CL = 3, if the READ command is registered at clock edge n, then the data will be available at (n + 2 clocks + tAC). For CL = 2, if the
READ command is registered at clock edge n, then the data will be available at (n + 1 clock + tAC).
Figure7 : CAS Latency (BL=4)
/C K
C K
Command
T0
T1
T2
T3
T1n
T2n
T3n
READ
NOP
NOP
NOP
DQS
DQ
tAC
CL=3
DOUT
n+1
tRPRE
2tCK
T4
T4n
NOP
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
Don’t care
DQS
DQ
tAC
CL=2
DOUT
n+1
tRPRE
1tCK
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com