Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type and is
selected via bit M3. The ordering of accesses within a burst is determined by the burst length, the burst type and the starting column
address, as shown in Table 3.
M3 Burst Type
0
Sequential
1
Interleave
M6 M5 M4 CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
M2 M1 M0
Burst Length
M3 = 0
M3 = 1
0
0
0
Reserved
Reserved
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
16
16
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Address Bus
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Figure 4.a : Mode Register Set (MRS) Definition for x16
BA0
BA1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
CAS Latency
BT
Burst Length
Note:
M15(BA1) = 0 and M14(BA0) = 0 to select Mode Register
Mode Register (Mx)
A12
A13
M3 Burst Type
0
Sequential
1
Interleave
M6 M5 M4 CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
M2 M1 M0
Burst Length
M3 = 0
M3 = 1
0
0
0
Reserved
Reserved
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
16
16
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Address Bus
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Figure 4.b : Mode Register Set (MRS) Definition for x32
BA0
BA1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
CAS Latency
BT
Burst Length
Note:
M14(BA1) = 0 and M13(BA0) = 0 to select Mode Register
Mode Register (Mx)
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com