Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
32
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Figure14 : Consecutive Read bursts (BL=4)
Figure15 : Non-Consecutive Read bursts (BL=4)
Notes:
1. Dout n or m = Data-Out from Column n or m
2. BL=4,8 (if 4, the bursts are concatenated; If 8, the second burst interrupts the first)
3. Shown with nominal tAC, tDQSCK and tDQSQ
Notes:
1. Dout n or m = Data-Out from Column n or m
2. BL=4,8 (if 4, the bursts are concatenated; If 8, the second burst interrupts the first)
3. Shown with nominal tAC, tDQSCK and tDQSQ
DOUT
m
Bank a
COL m
Bank a
COL n
NOP
READ
NOP
NOP
NOP
READ
T0
T1
T2
T3
Address
T4
T5
/CLK
CLK
DQ
CL=3
Command
DQS
Don’t care
DOUT
n+1
DOUT
n
DOUT
n+2
DOUT
n+3
DOUT
m+1
Bank a
COL m
Bank a
COL n
NOP
READ
NOP
NOP
NOP
READ
T0
T1
T2
T3
Address
T4
T5
/CLK
CLK
DQ
CL=3
Command
DQS
Don’t care
DOUT
n+1
DOUT
n
DOUT
n+2
DOUT
n+3
CL=3
NOP
DOUT
m
DOUT
m+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com