Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
44
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Clock Stop Mode
Clock stop mode is a feature supported by Mobile DDR SDRAM devices. It reduces clock-related power consumption during idle periods of
the device.
Conditions: the Mobile DDR SDRAM supports clock stop in case:
• The last access command (ACTIVE, READ, WRITE, PRECHARGE, AUTO REFRESH or MODE REGISTER SET) has executed to completion,
including any data-out during read bursts; the number of required clock pulses per access command depends on the device's AC timing
parameters and the clock frequency;
• The related timing condition (tRCD, tWR, tRP, tRFC, tMRD) has been met;
• CKE is held HIGH.
When all conditions have been met, the device is either in ''idle'' or ''row active'' state, and clock stop mode may be entered with CK held
LOW and /CK held HIGH. Clock stop mode is exited when the clock is restarted. NOPs command have to be issued for at least one clock
cycle before the next access command may be applied. Additional clock pulses might be required depending on the system characteristics.
Figure37 illustrates the clock stop mode:
• Initially the device is in clock stop mode;
• The clock is restarted with the rising edge of T0 and a NOP on the command inputs;
• With T1 a valid access command is latched; this command is followed by NOP commands in order to allow for clock stop as soon as this
access command has completed;
• T
n is the last clock pulse required by the access command latched with T1.
• The timing condition of this access command is met with the completion of T
n; therefore Tn is the last clock pulse required by this
command and the clock is then stopped.
Figure 37 : Clock Stop Mode
DQ,DQS
(High – Z)
Exit Clock
Stop Mode
Enter Clock
Stop Mode
Vail
Command
CKE
T0
T1
T2
T
n
/CLK
CLK
ADD
Timing Condition
CMD
Clock
stopped
Don’t Care
NOP
CMD
NOP
NOP
NOP
Valide
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com