Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 33 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
33
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Figure17 : Read Burst terminate (BL=4 or 8)
Truncated Reads
Data from any READ burst may be truncated with a BURST TERMINATE command, as shown in Figure16. The BURST TERMINATE
latency is equal to the READ (CAS) latency, i.e., the BURST TERMINATE command should be issued x cycles after the READ command,
where x equals the number of desired data element pairs (pairs are required by the 2n-prefetch architecture).
Data from any READ burst must be completed or truncated before a subsequent WRITE command can be issued. If truncation is
necessary, the BURST TERMINATE command must be used.
A READ burst may be followed by, or truncated with, a PRECHARGE command to the same bank provided that auto precharge was not
activated. The PRECHARGE command should be issued x cycles after the READ command, where x equals the number of desired data
element pairs (pairs are required by the n-prefetch architecture). This is shown in Figure (READ to PRECHARGE). Following the
PRECHARGE command, a subsequent command to the same bank cannot be issued until tRP is met.
Figure16 : Random Read access
Notes:
1. Dout n or m,p,q = Data-Out from Column n or m,p,q
2. BL=2,4,8 (if 4 or 8, the following burst interrupts the previous)
3. Reads are to an Active row in any bank.
4. Shown with nominal tAC, tDQSCK and tDQSQ
Notes:
1. Dout n = Data-Out from Column n
2. CKE=high
3. Shown with nominal tAC, tDQSCK and tDQSQ
Bank a
COL m
Bank a
COL p
DOUT
p
Bank a
COL q
Bank a
COL n
READ
READ
READ
NOP
NOP
READ
T0
T1
T2
T3
Address
T4
T5
/CLK
CLK
DQ
CL=3
Command
DQS
Don’t care
DOUT
n+1
DOUT
n
DOUT
m
DOUT
m+1
NOP
DOUT
q
DOUT
q+1
DOUT
p+1
Bank a
COL n
NOP
READ
BST
NOP
NOP
T0
T1
T2
T3
Address
T4
/CLK
CLK
DQ
CL=3
Command
DQS
Don’ t care
D OUT
n+1
DOUT
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com