Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 40 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 40 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
40
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Figure30 : Write to Precharge (Odd number of data Interrupting)
Notes:
1. Din n = Data-In from Column n.
2. tWR is referenced from the first positive CK edge after the last data-in pair.
3. Read and Write command can be directed to different banks, in which case tWR is not required and the Read command
could be applied ealier.
Don’ t care
NOP
WRITE
NOP
NOP
PCG
NOP
Bank a
COL n
T0
T1
T2
T3
Address
T4
T5
/CLK
CLK
DQS
DQ
tDQSS
(NOM)
Command
DM
DIN
n
tWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com