Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43LR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Figure 1.2: 90Ball FBGA Ball Assignment (x32)
[Top View]
VSS
DQ31
DQ16
VDD
VDDQ
DQ29
DQ18
VSSQ
VSSQ
DQ27
DQ20
VDDQ
VDDQ
DQ25
DQ22
VSSQ
VSSQ
DQS3
DQS2
VDDQ
VDD
DM3
DM2
VSS
CKE
CLK
/CAS
/RAS
A9
A11
BA0
BA1
A6
A7
A0
A1
A4
DM1
DM0
A3
VSSQ
DQS1
DQS0
VDDQ
VDDQ
DQ9
DQ6
VSSQ
VSSQ
DQ11
DQ4
VDDQ
VDDQ
DQ13
DQ2
VSSQ
VSS
DQ15
DQ0
VDD
A
1
VDDQ
DQ17
DQ19
DQ21
DQ23
A13
/WE
/CS
A10
A2
DQ7
DQ5
DQ3
DQ1
VDDQ
VSSQ
DQ30
DQ28
DQ26
DQ24
NC
/CLK
A12
A8
A5
DQ8
DQ10
DQ12
DQ14
VSSQ
B
C
D
E
F
G
H
J
K
L
M
P
R
N
2
3
4 5 6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com