Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16640C Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS43LR16640C
Description  1Gb (x16, x32) Mobile DDR SDRAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16640C Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS43LR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
Rev. 0A | October 2022
www.issi.com - dram@issi.com
IS43/46LR32320C
IS43/46LR16640C
Figure 1.1: 60Ball FBGA Ball Assignment (x16)
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5 6
7
8
9
VSS
DQ15
VSSQ
VDDQ
DQ13
DQ14
VSSQ
DQ11
DQ12
VDDQ
DQ9
DQ10
VSS
UDM
NC
CKE
CK
/CK
A9
A11
A12
A6
A7
A8
VSS
A4
A5
VDDQ
DQ0
VDD
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
A13
LDM
VDD
/WE
/CAS
/RAS
/CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
VSSQ
UDQS
DQ8
DQ7
LDQS
VDDQ
[Top View]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com