Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 24Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 25Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 26Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 29Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 30Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
28
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
Figure 9-7.
L2 Bus Output Timing Diagram
Note:
VM = Midpoint Voltage (L2OVDD/2)
Figure 9-8.
AC Test Load for the L2 Interface
9.2.5
IEEE 1149.1 AC Timing Specifications
Table 9-6 provides the IEEE
® 1149.1 (JTAG) AC timing specifications as defined in Figure 9-9 on page
29, Figure 9-10 on page 29, Figure 9-11 on page 29 and Figure 9-12 on page 30.
L2SYNC_IN
All Outputs
tL2CHOV
tL2CHOX
VM
VM
tL2CHOZ
L2DATA BUS
Z0 = 50
Ω
RL = 50
Ω
L2OVDD/2
Output
Table 9-6.
JTAG AC Timing Specifications (Independent of SYSCLK) (1)at Recommended Operating
Conditions (see Table 6-3 on page 11)
Symbol
Parameter
Min
Max
Unit
fTCLK
TCK frequency of operation
0
33.3
MHz
t
TCLK
TCK cycle time
30
ns
t
JHJL
TCK clock pulse width measured at OV
DD/2
15
ns
tJR & tJF
TCK rise and fall times
0
2
ns
t
TRST
(2)
TRST assert time
25
ns
t
DVJH
(3)
tIVJH
Input Setup Times:
Boundary-scan data
TMS, TDI
4
0
ns
tDXJH
(3)
t
IXJH
Input Hold Times:
Boundary-scan data
TMS, TDI
20
25
ns
t
JLDV
(4)
t
JLOV
Valid Times:
Boundary-scan data
TDO
4
4
20
25
ns
t
JLDZ
(4)(5)
tJLOZ
(5)
TCK to output high impedance:
Boundary-scan data
TDO
3
3
19
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com