Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 48Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 49Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 50Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 51Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 52Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 53Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 54Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 55Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
52
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
The COP header shown in Figure 14-6 on page 50 adds many benefits – breakpoints, watchpoints, reg-
ister and memory examination/modification and other standard debugger features are possible through
this interface – and can be as inexpensive as an unpopulated footprint for a header to be added when
needed.
The COP interface has a standard header for connection to the target system, based on the 0.025”
square-post 0.100” centered header assembly (often called a “Berg” header). The connector typically
has pin 14 removed as a connector key, as shown in Figure 14-6.
15. Ordering Information
Notes:
1. For availability of the different versions, contact your local e2v sales office.
2. The letter X in the part number designates a "Prototype" product that has not been qualified by e2v. Reliability of a PCX part-
number is not guaranteed and such part-number shall not be used in Flight Hardware. Product changes may still occur while
shipping prototypes.
16. Definitions
16.1
Life Support Applications
These products are not designed for use in life support appliances, devices or systems where malfunc-
tion of these products can reasonably be expected to result in personal injury. e2v customers using or
selling these products for use in such applications do so at their own risk and agree to fully indemnify e2v
for any damages resulting from such improper use or sale.
G: CBGA
GS: CI-CBGA
GH: HITCE
U: Upscreening
blank: Std
400 MHz
450 MHz
500 MHz
xx
y
y
xxx
nnnn
L
x
7410
Part
Identifier
Screening
Level
7410
L: 1.8V ± 100 mV
N: 1.5V ± 50 mV
E
Product
Code
(1)
PC(X)
(2)
Package(1)
Max Internal
Processor Speed
(1)
Revision
Level
(1)
Application
Modifier
(1)
Temperature
Range TJ
(1)
V: -40˚C, +110˚C
M: -55˚C, +125˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com