Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 43Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 44Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 45Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 46Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 47Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 48Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 49Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 50Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
47
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
R
P and RN are designed to be close to each other in value. Then, Z0 = (RP + RN)/2. Figure 14-5 describes
the alternate driver impedance measurement circuit.
Figure 14-5. Alternate Driver Impedance Measurement Circuit
Table 14-1 summarizes the signal impedance results. The driver impedance values were characterized
at 0°, 65°, and 105°C. The impedance increases with junction temperature and is relatively unaffected by
bus voltage.
14.6
Pull-up Resistor Requirements
The PC7410 requires pull-up resistors (1 k
Ω – 5 kΩ) on several control pins of the bus interface to main-
tain the control signals in the negated state after they have been actively negated and released by the
PC7410 or other bus masters. These pins are: TS, ARTRY, SHDO, SHD1.
Four test pins also require pull-up resistors (100
Ω – 1 kΩ). These pins are CHK, L1_TSTCLK,
L2_TSTCLK, and LSSD_MODE. These signals are for factory use only and must be pulled up to OV
DD
for normal machine operation.
If pull-down resistors are used to configure BVSEL or L2VSEL, the resistors should be less than 250
Ω.
(see Table 12-1 on page 33). Because PLL_CFG[0:3] must remain stable during normal operation,
strong pull-up and pull-down resistors (1 k
Ω or less) are recommended to configure these signals in
order to protect against erroneous switching due to ground bounce, power supply noise or noise
coupling.
In addition, CKSTP_OUT is an open-drain style output that requires a pull-up resistor (1 k
Ω–5 kΩ) if it is
used by the system. The CKSTP_IN signal should likewise be pulled up through a pull-up resistor (1 k
Ω–
5 k
Ω) to prevent erroneous assertions of this signal.
Table 14-1.
Impedance Characteristics with V
DD = 1.8V, OVDD = 2.5V, TJ = 0° C - 105° C
Impedance
Processor bus
L2 Bus
Symbol
Unit
RN
41.5 – 54.3
42.7 – 54.1
Z
0
Ω
RP
37.3 – 55.3
39.3 – 50
Z
0
Ω
(L2)OVDD
BGA
Data
Pin
Vforce
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com