Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
– Supports FXU, FPU, and AltiVec load/store traffic
– Complete support for all four architecture AltiVec DST streams
• Level 1 (L1) Cache Structure
– 32K 32-byte line, 8-way set associative instruction cache (iL1)
– 32K 32-byte line, 8-way set associative data cache (dL1)
– Single-cycle cache access
– Pseudo Least-recently-used (LRU) replacement
– Data cache supports AltiVec LRU and transient instructions algorithm
– Copy-back or write-through data cache (on a page-per-page basis)
– Supports all PowerPC memory coherency modes
– Non-blocking instruction and data cache
– Separate copy of data cache tags for efficient snooping
– No snooping of instruction cache except for ICBI instruction
• Level 2 (L2) Cache Interface
– Internal L2 cache controller and tags; external data SRAMs
– 512K, 1M and 2-Mbyte 2-way set associative L2 cache support
– Copyback or write-through data cache (on a page basis or for all L2)
– 32-byte (512K), 64-byte (1M), or 128-byte (2M) sectored line size
– Supports pipelined (register-register) synchronous burst SRAMs and pipelined (register-
register) late-write synchronous burst SRAMs
– Supports direct mapped mode for 256K, 512K, 1M or 2 Mbytes of SRAM (either all, half or
none of L2 SRAM must be configured as direct mapped
– Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, ÷3, ÷3.5, and ÷4 supported
– 64-bit data bus which also support 32-bits bus mode
– Selectable interface voltages of 1.8V and 2.5V
• Memory Management Unit
– 128 entry, 2-way set associative instruction TLB
– 128 entry, 2-way set associative data TLB
– Hardware reload for TLBs
– Four instruction BATs and four data BATs
– Virtual memory support for up to four petabytes (252) of virtual memory
– Real memory support for up to four gigabytes (2
32) of physical memory
– Snooped and invalidated for TLBI instructions
• Efficient Data Flow
– All data buses between VRF, load/store unit, dL1, iL1, L2 and the bus are 128 bits wide
– dL1 is fully pipelined to provide 128 bits per cycle to/from the VRF
– L2 is fully pipelined to provide 128 bits per L2 clock cycle to the L1s
– Up to eight outstanding out-of-order cache misses between dL1 and L2/bus
– Up to seven outstanding out-of-order transactions on the bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com