Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
– Load folding to fold new dL1 misses into older outstanding load and store misses to the
same line
– Store miss merging for multiple store misses to the same line. Only coherency action taken
(i.e., address only) for store misses merged to all 32 bytes of a cache line (no data tenure
needed)
– Two-entry finished store queue and four-entry completed store queue between load/store
unit and dL1
– Separate additional queues for efficient buffering of outbound data (castouts, write throughs,
etc.) from dL1 and L2
• Bus Interface
– MPX bus extension to 60X processor interface
– Mode-compatible with 60x processor interface
– 32-bit address bus
– 64-bit data bus
– Bus-to-core frequency multipliers of 2x, 2.5x, 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x, 7x, 7.5x,
8x, 9x supported
– Selectable interface voltages of 1.8V, 2.5V and 3.3V
• Power Management
– Low-power design with thermal requirements very similar to PC740 and PC750
– Low voltage 1.8V or 1.5V processor core
– Selectable interface voltages of 1.8V can reduce power in output buffers
– Three static power saving modes: doze, nap, and sleep
– Dynamic power management
• Testability
– LSSD scan design
– IEEE 1149.1 JTAG interface
– Array Built-in Self Test (ABIST) – factory test only
– Redundancy on L1 data arrays and L2 tag arrays
• Reliability and Serviceability
– Parity checking on 60x and L2 cache buses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com