Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PC7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
2.
General Parameters
Table 2-1 provides a summary of the general parameters of the PC7410.
Note:
1. 3.3V I/O bus not supported for 1.5V core power supply processor version.
3.
Overview
This section summarizes features of the PC7410’s implementation of the PowerPC architecture. Major
features of the PC7410 are as follows:
• Branch Processing Unit
– Four instructions fetched per clock
– One branch processed per cycle (plus resolving two speculations)
– Up to one speculative stream in execution, one additional speculative stream in fetch
– 512-entry Branch History Table (BHT) for dynamic prediction
– 64-entry, 4-way set associative Branch Target Instruction Cache (BTIC) for eliminating
branch delay slots
• Dispatch Unit
– Full hardware detection of dependencies (resolved in the execution units)
– Dispatch two instructions to eight independent units (system, branch, load/store, fixed-point
unit 1, fixed-point unit 2, floating-point, AltiVec permute, AltiVec ALU)
– Serialization control (predispatch, postdispatch, execution serialization)
• Decode
– Register file access
– Forwarding control
– Partial instruction decode
Table 2-1.
Device Parameters
Parameter
Description
Technology
0.18 µm CMOS, six-layer metal
Die size
6.32 mm × 8.26 mm (52 mm2)
Transistor count
10.5 million
Logic design
Fully-static
Packages
Surface-mount 360 Ceramic Ball Grid Array (CBGA)
Surface mount 360 high coefficient of thermal expansion
ceramic ball grid array (HiTCE)
Surface mount 360-column Ci-CGA Package
Core power supply
1.8V ± 100 mV dc or 1.5V ± 50 mV dc (nominal; see Table 6-3 on page 11 for
Recommended Operating Conditions)
I/O power supply
1.8V ± 100 mV dc or
2.5V ± 100 mV
3.3V ± 165 mV (603 bus only)(1)
(input thresholds are configuration pin selectable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com