Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 33Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 34Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 35Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 36Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 37Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 38Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Notes:
1. OV
DD supplies power to the processor bus, JTAG and all control signals except the L2 cache controls (L2CE, L2WE, and
L2ZZ); L2OVDD supplies power to the L2 cache interface (L2ADDR[0:18], L2ASPARE, L2DATA[0:63], L2DP[0:7] and
L2SYNC_OUT) and the L2 control signals and V
DD supplies power to the processor core and the PLL and DLL (after filtering
to become AV
DD and L2AVDD respectively). These columns serve as a reference for the nominal voltage supported on a
given signal as selected by the BVSEL/L2VSEL pin configurations of Table 6-2 on page 10 and the voltage supplied. For
actual recommended value of V
IN or supply voltages, see Table 6-3 on page 11.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
L2WE
N16
Low
Output
L2VSEL
L2ZZ
G17
High
Output
L2VSEL
LSSD_MODE(2)
F9
Low
Input
BVSEL
MCP
B11
Low
Input
BVSEL
OV
DD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4,
R6, R9, R11, T5, T8, T12
N/A
PLL_CFG[0:3]
A4, A5, A6, A7
High
Input
BVSEL
QACK
B2
Low
Input
BVSEL
QREQ
J3
Low
Output
BVSEL
RSRV
D3
Low
Output
BVSEL
SHD0(8)
B3
Low
I/O
BVSEL
SHD1(5)(8)
B4
Low
I/O
BVSEL
SMI
A12
Low
Input
BVSEL
SRESET
E10
Low
Input
BVSEL
SYSCLK
H9
Input
BVSEL
TA
F1
Low
Input
BVSEL
TBEN
A2
High
Input
BVSEL
TBST
A11
Low
Output
BVSEL
TCK
B10
High
Input
BVSEL
TDI(9)
B7
High
Input
BVSEL
TDO
D9
High
Output
BVSEL
TEA
J1
Low
Input
BVSEL
TMS(9)
C8
High
Input
BVSEL
TRST(9)(14)
A10
Low
Input
BVSEL
TS
K7
Low
I/O
BVSEL
TSIZ[0:2]
A9, B9, C9
High
Output
BVSEL
TT[0:4]
C10, D11, B12, C12, F11
High
I/O
BVSEL
WT
C3
Low
I/O
BVSEL
VDD
G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
N/A
Table 12-1.
Pinout Listing for the PC7410, 360-ball CBGA and CI-CGA packages (Continued)
Signal Name
Pin Number
Active
I/O
I/F Select(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com