Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 49 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 49 Page - Winbond

Back Button W77C32 Datasheet HTML 45Page - Winbond W77C32 Datasheet HTML 46Page - Winbond W77C32 Datasheet HTML 47Page - Winbond W77C32 Datasheet HTML 48Page - Winbond W77C32 Datasheet HTML 49Page - Winbond W77C32 Datasheet HTML 50Page - Winbond W77C32 Datasheet HTML 51Page - Winbond W77C32 Datasheet HTML 52Page - Winbond W77C32 Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 49 -
Revision A8
The processor responds to a valid interrupt by executing an LCALL instruction to the appropriate
service routine. This may or may not clear the flag which caused the interrupt. In case of Timer
interrupts, the TF0 or TF1 flags are cleared by hardware whenever the processor vectors to the
appropriate timer service routine. In case of external interrupt, INT0 and INT1, the flags are cleared
only if they are edge triggered. In case of Serial interrupts, the flags are not cleared by hardware. In
the case of Timer 2 interrupt, the flags are not cleared by hardware. Watchdog timer interrupt flag
WDIF have to be cleared by software. The hardware LCALL behaves exactly like the software LCALL
instruction. This instruction saves the Program Counter contents onto the Stack, but does not save the
Program Status Word PSW. The PC is reloaded with the vector address of that interrupt which caused
the LCALL. These vector address for the different sources are as follows.
Table 8. Vector locations for interrupt sources
SOURCE
VECTOR ADDRESS
SOURCE
VECTOR ADDRESS
Timer 0 Overflow
000Bh
External Interrupt 0
0003h
Timer 1 Overflow
001Bh
External Interrupt 1
0013h
Timer 2 Interrupt
002Bh
Serial Port
0023h
External Interrupt 2
0043h
Serial Port 1
003Bh
External Interrupt 4
0053h
External Interrupt 3
004Bh
Watchdog Timer
0063h
External Interrupt 5
005Bh
The vector table is not evenly spaced; this is to accommodate future expansions to the device family.
Execution continues from the vectored address till an RETI instruction is executed. On execution of
the RETI instruction the processor pops the Stack and loads the PC with the contents at the top of the
stack. The user must take care that the status of the stack is restored to what is was after the
hardware LCALL, if the execution is to return to the interrupted program. The processor does not
notice anything if the stack contents are modified and will proceed with execution from the address put
back into PC. Note that a RET instruction would perform exactly the same process as a RETI
instruction, but it would not inform the Interrupt Controller that the interrupt service routine is
completed, and would leave the controller still thinking that the service routine is underway.
11.3 Interrupt Response Time
The response time for each interrupt source depends on several factors, such as the nature of the
interrupt and the instruction underway. In the case of external interrupts INT0 to INT5 , they are
sampled at C3 of every machine cycle and then their corresponding interrupt flags Iex will be set or
reset. The Timer 0 and 1 overflow flags are set at C3 of the machine cycle in which overflow has
occurred. These flag values are polled only in the next machine cycle. If a request is active and all
three conditions are met, then the hardware generated LCALL is executed. This LCALL itself takes
four machine cycles to be completed. Thus there is a minimum time of five machine cycles between
the interrupt flag being set and the interrupt service routine being executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com