Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 28 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 28 Page - Winbond

Back Button W77C32 Datasheet HTML 24Page - Winbond W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
W77C32/W77C032A
- 28 -
Table 3. Instruction Timing for W77C032, continued
INSTRUCTION
HEX
OP-CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
ADDC A, R7
3F
1
1
4
12
3
ADDC A, @R0
36
1
1
4
12
3
ADDC A, @R1
37
1
1
4
12
3
ADDC A, direct
35
2
2
8
12
1.5
ADDC A, #data
34
2
2
8
12
1.5
ACALL addr11
71, 91, B1,
11, 31, 51,
D1, F1
2
3
12
24
2
AJMP ADDR11
01, 21, 41,
61, 81, A1,
C1, E1
2
3
12
24
2
ANL A, R0
58
1
1
4
12
3
ANL A, R1
59
1
1
4
12
3
ANL A, R2
5A
1
1
4
12
3
ANL A, R3
5B
1
1
4
12
3
ANL A, R4
5C
1
1
4
12
3
ANL A, R5
5D
1
1
4
12
3
ANL A, R6
5E
1
1
4
12
3
ANL A, R7
5F
1
1
4
12
3
ANL A, @R0
56
1
1
4
12
3
ANL A, @R1
57
1
1
4
12
3
ANL A, direct
55
2
2
8
12
1.5
ANL A, #data
54
2
2
8
12
1.5
ANL direct, A
52
2
2
8
12
1.5
ANL direct, #data
53
3
3
12
24
2
ANL C, bit
82
2
2
8
24
3
ANL C, /bit
B0
2
2
8
24
3
CJNE A, direct, rel
B5
3
4
16
24
1.5
CJNE R5, #data, rel
BD
3
4
16
24
1.5
CJNE R6, #data, rel
BE
3
4
16
24
1.5
CJNE R7, #data, rel
BF
3
4
16
24
1.5
CLR A
E4
1
1
4
12
3
CPL A
F4
1
1
4
12
3
CLR C
C3
1
1
4
12
3
CLR bit
C2
2
2
8
12
1.5
CPL C
B3
1
1
4
12
3
CPL bit
B2
2
2
8
12
1.5
DEC A
14
1
1
4
12
3
DEC R0
18
1
1
4
12
3
DEC R1
19
1
1
4
12
3
DEC R2
1A
1
1
4
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com