Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 22 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 22 Page - Winbond

Back Button W77C32 Datasheet HTML 18Page - Winbond W77C32 Datasheet HTML 19Page - Winbond W77C32 Datasheet HTML 20Page - Winbond W77C32 Datasheet HTML 21Page - Winbond W77C32 Datasheet HTML 22Page - Winbond W77C32 Datasheet HTML 23Page - Winbond W77C32 Datasheet HTML 24Page - Winbond W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
W77C32/W77C032A
- 22 -
Status Register
Bit:
7
6
5
4
3
2
1
0
-
HIP
LIP
XTUP
SPTA1
SPRA1
SPTA0
SPRA0
Mnemonic: STATUS
Address: C5h
HIP: High Priority Interrupt Status. When set, it indicates that software is servicing a high priority
interrupt. This bit will be cleared when the program executes the corresponding RETI
instruction.
LIP:
Low Priority Interrupt Status. When set, it indicates that software is servicing a low priority
interrupt. This bit will be cleared when the program executes the corresponding RETI
instruction.
XTUP: Crystal Oscillator Warm-up Status. When set, this bit indicates CPU has detected clock to be
ready. Each time the crystal oscillator is restarted by exit from power down mode or the
XTOFF bit is set, hardware will clear this bit. This bit is set to 1 after a power-on reset. When
this bit is cleared, it prevents software from setting the XT/ RG bit to enable CPU operation
from crystal oscillator.
SPTA1: Serial Port 1 Transmit Activity. This bit is set during serial port 1 is currently transmitting data.
It is cleared when TI_1 bit is set by hardware. Changing the Clock Divide Control bits CD0,
CD1 will be ignored when this bit is set to 1 and SWB = 1.
SPRA1: Serial Port 1 Receive Activity. This bit is set during serial port 1 is currently receiving a data. It
is cleared when RI_1 bit is set by hardware. Changing the Clock Divide Control bits CD0,
CD1 will be ignored when this bit is set to 1 and SWB = 1.
SPTA0: Serial Port 0 Transmit Activity. This bit is set during serial port 0 is currently transmitting data.
It is cleared when TI bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1
will be ignored when this bit is set to 1 and SWB = 1.
SPRA0: Serial Port 0 Receive Activity. This bit is set during serial port 0 is currently receiving a data. It
is cleared when RI bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1
will be ignored when this bit is set to 1 and SWB = 1.
Timed Access
Bit:
7
6
5
4
3
2
1
0
TA.7
TA.6
TA.5
TA.4
TA.3
TA.2
TA.1
TA.0
Mnemonic: TA
Address: C7h
TA:
The Timed Access register controls the access to protected bits. To access protected bits, the
user must first write AAH to the TA. This must be immediately followed by a write of 55H to TA.
Now a window is opened in the protected bits for three machine cycles, during which the user
can write to these bits.
Timer 2 Control
Bit:
7
6
5
4
3
2
1
0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/ T2
CP/ RL2
Mnemonic: T2CON
Address: C8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com