Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 29 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 29 Page - Winbond

Back Button W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 29 -
Revision A8
Table 3. Instruction Timing for W77C032, continued
INSTRUCTION
HEX
OP-CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
DEC R3
1B
1
1
4
12
3
DEC R4
1C
1
1
4
12
3
DEC R5
1D
1
1
4
12
3
DEC R6
1E
1
1
4
12
3
DEC R7
1F
1
1
4
12
3
DEC @R0
16
1
1
4
12
3
DEC @R1
17
1
1
4
12
3
DEC direct
15
2
2
8
12
1.5
DEC DPTR
A5
1
2
8
-
-
DIV AB
84
1
5
20
48
2.4
DA A
D4
1
1
4
12
3
DJNZ R0, rel
D8
2
3
12
24
2
DJNZ R1, rel
D9
2
3
12
24
2
DJNZ R5, rel
DD
2
3
12
24
2
DJNZ R2, rel
DA
2
3
12
24
2
DJNZ R3, rel
DB
2
3
12
24
2
DJNZ R4, rel
DC
2
3
12
24
2
DJNZ R6, rel
DE
2
3
12
24
2
DJNZ R7, rel
DF
2
3
12
24
2
DJNZ direct, rel
D5
3
4
16
24
1.5
INC A
04
1
1
4
12
3
INC R0
08
1
1
4
12
3
INC R1
09
1
1
4
12
3
INC R2
0A
1
1
4
12
3
INC R3
0B
1
1
4
12
3
INC R4
0C
1
1
4
12
3
INC R5
0D
1
1
4
12
3
INC R6
0E
1
1
4
12
3
INC R7
0F
1
1
4
12
3
INC @R0
06
1
1
4
12
3
INC @R1
07
1
1
4
12
3
INC direct
05
2
2
8
12
1.5
INC DPTR
A3
1
2
8
24
3
JMP @A+DPTR
73
1
2
8
24
3
JZ rel
60
2
3
12
24
2
JNZ rel
70
2
3
12
24
2
JC rel
40
2
3
12
24
2
JNC rel
50
2
3
12
24
2
JB bit, rel
20
3
4
16
24
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com