Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 3 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 3 Page - Winbond

  W77C32 Datasheet HTML 1Page - Winbond W77C32 Datasheet HTML 2Page - Winbond W77C32 Datasheet HTML 3Page - Winbond W77C32 Datasheet HTML 4Page - Winbond W77C32 Datasheet HTML 5Page - Winbond W77C32 Datasheet HTML 6Page - Winbond W77C32 Datasheet HTML 7Page - Winbond W77C32 Datasheet HTML 8Page - Winbond W77C32 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 3 -
Revision A8
1. GENERAL DESCRIPTION
The W77C032 is a fast 8051 compatible microcontroller with a redesigned processor core without
wasted clock and memory cycles. As a result, it executes every 8051 instruction faster than the
original 8051 for the same crystal speed. Typically, the instruction executing time of W77C032 is 1.5
to 3 times faster then that of traditional 8051, depending on the type of instruction. In general, the
overall performance is about 2.5 times better than the original for the same crystal speed. Giving the
same throughput with lower clock speed, power consumption has been improved. Consequently, the
W77C032 is a fully static CMOS design; it can also be operated at a lower crystal clock. The
W77C032 provides operating voltage from 4.5V to 5.5V. All W77C032 types also support on-chip 1KB
SRAM without external memory component and glue logic, saving more I/O pins for users application
usage if they use on-chip SRAM instead of external SRAM.
2. FEATURES
•
8-bit CMOS microcontroller
•
High speed architecture of 4 clocks/machine cycle runs up to 40 MHz
•
Pin compatible with standard 80C52
•
Instruction-set compatible with MCS-51
•
Four 8-bit I/O Ports
•
One extra 4-bit I/O port and Wait State control signal (available on 44-pin PLCC/QFP package)
•
Three 16-bit Timers
•
12 interrupt sources with two levels of priority
•
On-chip oscillator and clock circuitry
•
Two enhanced full duplex serial ports
•
256 bytes scratch-pad RAM
•
1KB on-chip SRAM for MOVX instruction
•
Programmable Watchdog Timer
•
Dual 16-bit Data Pointers
•
Software programmable access cycle to external RAM/peripherals
•
Packages:
− Lead Free (RoHS) DIP 40:
W77C032A40DL
− Lead Free (RoHS) PLCC 44:
W77C032A40PL
− Lead Free (RoHS) PQFP 44:
W77C032A40FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com