Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 23 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 23 Page - Winbond

Back Button W77C32 Datasheet HTML 19Page - Winbond W77C32 Datasheet HTML 20Page - Winbond W77C32 Datasheet HTML 21Page - Winbond W77C32 Datasheet HTML 22Page - Winbond W77C32 Datasheet HTML 23Page - Winbond W77C32 Datasheet HTML 24Page - Winbond W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 23 -
Revision A8
TF2:
Timer 2 overflow flag: This bit is set when Timer 2 overflows. It is also set when the count
is equal to the capture register in down count mode. It can be set only if RCLK and TCLK
are both 0. It is cleared only by software. Software can also set or clear this bit.
EXF2:
Timer 2 External Flag: A negative transition on the T2EX pin (P1.1) or timer 2 overflow
will cause this flag to set based on the CP/RL2, EXEN2 and DCEN bits. If set by a
negative transition, this flag must be cleared by software. Setting this bit in software or
detection of a negative transition on T2EX pin will force a timer interrupt if enabled.
RCLK:
Receive Clock Flag: This bit determines the serial port 0 time-base when receiving data
in serial modes 1 or 3. If it is 0, then timer 1 overflow is used for baud rate generation,
otherwise timer 2 overflow is used. Setting this bit forces timer 2 in baud rate generator
mode.
TCLK:
Transmit Clock Flag: This bit determines the serial port 0 time-base when transmitting
data in modes 1 and 3. If it is set to 0, the timer 1 overflow is used to generate the baud
rate clock, otherwise timer 2 overflow is used. Setting this bit forces timer 2 in baud rate
generator mode.
EXEN2:
Timer 2 External Enable. This bit enables the capture/reload function on the T2EX pin if
Timer 2 is not generating baud clocks for the serial port. If this bit is 0, then the T2EX pin
will be ignored, otherwise a negative transition detected on the T2EX pin will result in
capture or reload.
TR2:
Timer 2 Run Control. This bit enables/disables the operation of timer 2. Clearing this bit will
halt the timer 2 and preserve the current count in TH2, TL2.
C/ T2 :
Counter/Timer Select. This bit determines whether timer 2 will function as a timer or a
counter. Independent of this bit, the timer will run at 2 clocks per tick when used in baud rate
generator mode. If it is set to 0, then timer 2 operates as a timer at a speed depending on
T2M bit (CKCON.5), otherwise it will count negative edges on T2 pin.
CP/ RL2 : Capture/Reload Select. This bit determines whether the capture or reload function will be
used for timer 2. If either RCLK or TCLK is set, this bit will be ignored and the timer will
function in an auto-reload mode following each overflow. If the bit is 0 then auto-reload will
occur when timer 2 overflows or a falling edge is detected on T2EX pin if EXEN2 = 1.
If this bit is 1, then timer 2 captures will occur when a falling edge is detected on T2EX pin if
EXEN2 = 1.
7.2 Timer 2 Mode Control
Bit:
7
6
5
4
3
2
1
0
HC5
HC4
HC3
HC2
T2CR
-
T2OE
DCEN
Mnemonic: T2MOD
Address: C9h
HC5:
Hardware Clear INT5 flag. Setting this bit allows the flag of external interrupt 5 to be
automatically cleared by hardware while entering the interrupt service routine.
HC4:
Hardware Clear INT4 flag. Setting this bit allows the flag of external interrupt 4 to be
automatically cleared by hardware while entering the interrupt service routine.
HC3:
Hardware Clear INT3 flag. Setting this bit allows the flag of external interrupt 3 to be
automatically cleared by hardware while entering the interrupt service routine.
HC3:
Hardware Clear INT2 flag. Setting this bit allows the flag of external interrupt 3 to be
automatically cleared by hardware while entering the interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com