Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 30 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 30 Page - Winbond

Back Button W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
W77C32/W77C032A
- 30 -
Table 3. Instruction Timing for W77C032, continued
INSTRUCTION
HEX
OP-CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
JNB bit, rel
30
3
4
16
24
1.5
JBC bit, rel
10
3
4
16
24
1.5
LCALL addr16
12
3
4
16
24
1.5
LJMP addr16
02
3
4
16
24
1.5
MUL AB
A4
1
5
20
48
2.4
MOV A, R0
E8
1
1
4
12
3
MOV A, R1
E9
1
1
4
12
3
MOV A, R2
EA
1
1
4
12
3
MOV A, R3
EB
1
1
4
12
3
MOV A, R4
EC
1
1
4
12
3
MOV A, R5
ED
1
1
4
12
3
MOV A, R6
EE
1
1
4
12
3
MOV A, R7
EF
1
1
4
12
3
MOV A, @R0
E6
1
1
4
12
3
MOV A, @R1
E7
1
1
4
12
3
MOV A, direct
E5
2
2
8
12
1.5
MOV A, #data
74
2
2
8
12
1.5
MOV R0, A
F8
1
1
4
12
3
MOV R1, A
F9
1
1
4
12
3
MOV R2, A
FA
1
1
4
12
3
MOV R3, A
FB
1
1
4
12
3
MOV R4, A
FC
1
1
4
12
3
MOV R5, A
FD
1
1
4
12
3
MOV R6, A
FE
1
1
4
12
3
MOV R7, A
FF
1
1
4
12
3
MOV R0, direct
A8
2
2
8
12
1.5
MOV R1, direct
A9
2
2
8
12
1.5
MOV R2, direct
AA
2
2
8
12
1.5
MOV R3, direct
AB
2
2
8
12
1.5
MOV R4, direct
AC
2
2
8
12
1.5
MOV R5, direct
AD
2
2
8
12
1.5
MOV R2, #data
7A
2
2
8
12
1.5
MOV R3, #data
7B
2
2
8
12
1.5
MOV R4, #data
7C
2
2
8
12
1.5
MOV R5, #data
7D
2
2
8
12
1.5
MOV R6, #data
7E
2
2
8
12
1.5
MOV R7, #data
7F
2
2
8
12
1.5
MOV @R0, A
F6
1
1
4
12
3
MOV @R1, A
F7
1
1
4
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com