Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 12 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 12 Page - Winbond

Back Button W77C32 Datasheet HTML 8Page - Winbond W77C32 Datasheet HTML 9Page - Winbond W77C32 Datasheet HTML 10Page - Winbond W77C32 Datasheet HTML 11Page - Winbond W77C32 Datasheet HTML 12Page - Winbond W77C32 Datasheet HTML 13Page - Winbond W77C32 Datasheet HTML 14Page - Winbond W77C32 Datasheet HTML 15Page - Winbond W77C32 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
W77C32/W77C032A
- 12 -
instructions that use DPTR will now access DPL1 and DPH1 in place of DPL and DPH. If they are not
required they can be used as conventional register locations by the user.
Data Pointer Select
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
DPS.0
Mnemonic: DPS
Address: 86h
DPS.0: This bit is used to select either the DPL, DPH pair or the DPL1, DPH1 pair as the active Data
Pointer. When set to 1, DPL1, DPH1 will be selected, otherwise DPL, DPH will be selected.
DPS.1-7: These bits are reserved, but will read 0.
Power Control
Bit:
7
6
5
4
3
2
1
0
SM0D
SMOD0
-
-
GF1
GF0
PD
IDL
Mnemonic: PCON
Address: 87h
SMOD: This bit doubles the serial port baud rate in mode 1, 2, and 3 when set to 1.
SMOD0: Framing Error Detection Enable: When SMOD0 is set to 1, then SCON.7(SCON1.7)
indicates a Frame Error and acts as the FE(FE_1) flag. When SMOD0 is 0, then
SCON.7(SCON1.7) acts as per the standard 8052 function.
GF1-0:
These two bits are general purpose user flags.
PD:
Setting this bit causes the W77C032 to go into the POWER DOWN mode. In this mode all the
clocks are stopped and program execution is frozen.
IDL:
Setting this bit causes the W77C032 to go into the IDLE mode. In this mode the clocks to the
CPU are stopped, so program execution is frozen. But the clock to the serial, timer and
interrupt blocks is not stopped, and these blocks continue operating.
Timer Control
Bit:
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT
IE0
IT
Mnemonic: TCON
Address: 88h
TF1:
Timer 1 overflow flag: This bit is set when Timer 1 overflows. It is cleared automatically when
the program does a timer 1 interrupt service routine. Software can also set or clear this bit.
TR1: Timer 1 run control: This bit is set or cleared by software to turn timer/counter on or off.
TF0:
Timer 0 overflow flag: This bit is set when Timer 0 overflows. It is cleared automatically when
the program does a timer 0 interrupt service routine. Software can also set or clear this bit.
TR0: Timer 0 run control: This bit is set or cleared by software to turn timer/counter on or off.
IE1:
Interrupt 1 edge detect: Set by hardware when an edge/level is detected on INT1. This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com