Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 31 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 31 Page - Winbond

Back Button W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond W77C32 Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 31 -
Revision A8
Table 3. Instruction Timing for W77C032, continued
INSTRUCTION
HEX
OP-CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
MOV @R0, direct
A6
2
2
8
12
1.5
MOV @R1, direct
A7
2
2
8
12
1.5
MOV @R0, #data
76
2
2
8
12
1.5
MOV @R1, #data
77
2
2
8
12
1.5
MOV direct, A
F5
2
2
8
12
1.5
MOV direct, R0
88
2
2
8
12
1.5
MOV direct, R1
89
2
2
8
12
1.5
MOV direct, R2
8A
2
2
8
12
1.5
MOV direct, R3
8B
2
2
8
12
1.5
MOV direct, R4
8C
2
2
8
12
1.5
MOV direct, R5
8D
2
2
8
12
1.5
MOV direct, R6
8E
2
2
8
12
1.5
MOV direct, R7
8F
2
2
8
12
1.5
MOV direct, @R0
86
2
2
8
12
1.5
MOV direct, @R1
87
2
2
8
12
1.5
MOV direct, direct
85
3
3
12
24
2
MOV direct, #data
75
3
3
12
24
2
MOV DPTR, #data 16
90
3
3
12
24
2
MOVC A, @A+DPTR
93
1
2
8
24
3
MOVC A, @A+PC
83
1
2
8
24
3
MOVX A, @R0
E2
1
2 – 9
8 – 36
24
3 – 0.66
MOVX A, @R1
E3
1
2 – 9
8 – 36
24
3 – 0.66
MOVX A, @DPTR
E0
1
2 – 9
8 – 36
24
3 – 0.66
MOVX @R0, A
F2
1
2 – 9
8 – 36
24
3 – 0.66
MOVX @R1, A
F3
1
2 – 9
8 – 36
24
3 – 0.66
MOVX @DPTR, A
F0
1
2 – 9
8 – 36
24
3 – 0.66
MOV C, bit
A2
2
2
8
12
1.5
MOV bit, C
92
2
2
8
24
3
ORL A, R0
48
1
1
4
12
3
ORL A, R1
49
1
1
4
12
3
ORL A, R2
4A
1
1
4
12
3
ORL A, R3
4B
1
1
4
12
3
ORL A, R4
4C
1
1
4
12
3
ORL A, R5
4D
1
1
4
12
3
ORL A, R6
4E
1
1
4
12
3
ORL A, R7
4F
1
1
4
12
3
ORL A, @R0
46
1
1
4
12
3
ORL A, @R1
47
1
1
4
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com