| Electronic Components Datasheet Search |
|
W77C32 Datasheet(PDF) 55 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W77C32 Datasheet(HTML) 55 Page - Winbond |
|
55 / 78 page ![]() W77C32/W77C032A Publication Release Date: February 1, 2007 - 55 - Revision A8 1/4 1/12 T2M = CKCON.5 C/T2 = T2CON.1 T2CON.7 T2 = P1.0 T2CON.6 TR2 = T2CON.2 T2EX = P1.1 EXEN2 = T2CON.3 EXF2 Timer 2 Interrupt TF2 TH2 TL2 RCAP2H RCAP2L L 1 0 0 1 Clock Source Mode input div. by 4 osc/1 div. by 64 osc/16 div. by 1024 osc/256 Figure 15. 16-Bit Auto-reload Mode, Counting Up 12.2.3 Auto-reload Mode, Counting Up/Down Timer/Counter 2 will be in auto-reload mode as an up/down counter if CP/ RL2 bit in T2CON is cleared and the DCEN bit in T2MOD is set. In this mode, Timer/Counter 2 is an up/down counter whose direction is controlled by the T2EX pin. A 1 on this pin cause the counter to count up. An overflow while counting up will cause the counter to be reloaded with the contents of the capture registers. The next down count following the case where the contents of Timer/Counter equal the capture registers will load an FFFFh into Timer/Counter 2. In either event a reload will set the TF2 bit. A reload will also toggle the EXF2 bit. However, the EXF2 bit can not generate an interrupt while in this mode. C/T = T2CON.1 1/4 1/12 T2M = CKCON.5 Down Counting Reload Value T2CON .7 Up Counting Reload Vl T2 = P1.0 T2CON.6 TR2 = T2CON.2 T2EX = P1.1 EXF2 Timer 2 Interrupt TF2 TH2 TL2 RCAP2H RCAP2L 1 0 0 1 0FFh 0FFh DCEN = 1 Clock Source Mode input div. by 4 osc/1 div. by 64 osc/16 div. by 1024 osc/256 Figure 16. 16-Bit Auto-reload Up/Down Counter |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |