Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C32 Datasheet(PDF) 13 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 13 Page - Winbond

Back Button W77C32 Datasheet HTML 9Page - Winbond W77C32 Datasheet HTML 10Page - Winbond W77C32 Datasheet HTML 11Page - Winbond W77C32 Datasheet HTML 12Page - Winbond W77C32 Datasheet HTML 13Page - Winbond W77C32 Datasheet HTML 14Page - Winbond W77C32 Datasheet HTML 15Page - Winbond W77C32 Datasheet HTML 16Page - Winbond W77C32 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 13 -
Revision A8
IT1:
Interrupt 1 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
IE0:
Interrupt 0 edge detect: Set by hardware when an edge/level is detected on INT0 . This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.
IT0:
Interrupt 0 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
Timer Mode Control
Bit:
7
6
5
4
3
2
1
0
GATE
C/ T
M1
M0
GATE
C/ T
M1
M0
TIMER1
TIMER0
Mnemonic: TMOD
Address: 89h
GATE: Gating control: When this bit is set, Timer/counter x is enabled only while INTx pin is high
and TRx control bit is set. When cleared, Timer x is enabled whenever TRx control bit is set.
C/ T :
Timer or Counter Select: When cleared, the timer is incremented by internal clocks. When set,
the timer counts high-to-low edges of the Tx pin.
M1, M0: Mode Select bits:
M1
M0
Mode
0
0
Mode 0: 8-bits with 5-bit prescale.
0
1
Mode 1: 16-bits, no prescale.
1
0
Mode 2: 8-bits with auto-reload from THx
1
1
Mode 3: (Timer 0) TL0 is an 8-bit timer/counter controlled by the
standard Timer 0 control bits. TH0 is a 8-bit timer only controlled by
Timer 1 control bits. (Timer 1) Timer/counter is stopped.
Timer 0 LSB
Bit:
7
6
5
4
3
2
1
0
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
Mnemonic: TL0
Address: 8Ah
TL0.7-0: Timer 0 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com