Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics M50LPW040 Datasheet HTML 10Page - STMicroelectronics M50LPW040 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7/36
M50LPW040
Bus Read. Bus Read operations read from the
memory cells, specific registers in the Command
Interface or Low Pin Count Registers. A valid Bus
Read operation starts when Input Communication
Frame, LFRAME, is Low, VIL, as Clock rises and
the correct Start cycle is on LAD0-LAD3. On the
following clock cycles the Host will send the Cycle
Type + Dir, Address and other control bits on
LAD0-LAD3. The memory responds by outputting
Sync data until the wait-states have elapsed
followed by Data0-Data3 and Data4-Data7.
Refer to Table 6, and Figure 5, for a description of
the Field definitions for each clock cycle of the
transfer. See Table 22, LPC Interface AC Signal
Timing Characteristics and Figure 10, LPC Inter-
face AC Signal Timing Waveforms, for details on
the timings of the signals.
Bus Write. Bus Write operations write to the
Command Interface or Low Pin Count Registers. A
valid Bus Write operation starts when Input
Communication Frame, LFRAME, is Low, VIL, as
Clock rises and the correct Start cycle is on LAD0-
LAD3. On the following Clock cycles the Host will
send the Cycle Type + Dir, Address, other control
bits, Data0-Data3 and Data4-Data7 on LAD0-
LAD3. The memory outputs Sync data until the
wait-states have elapsed.
Refer to Table 7, LPC Bus Write Field Definitions,
and Figure 6, LPC Bus Write Waveforms, for a
description of the Field definitions for each clock
cycle of the transfer. See Table 22, LPC Interface
AC Signal Timing Characteristics and Figure 10,
LPC Interface AC Signal Timing Waveforms, for
details on the timings of the signals.
Bus Abort. The Bus Abort operation can be used
to immediately abort the current bus operation. A
Bus Abort occurs when LFRAME is driven Low,
VIL, during the bus operation; the memory will tri-
state
the
Input/Output
Communication
pins,
LAD0-LAD3.
Note that, during a Bus Write operation, the
Command
Interface
starts
executing
the
command as soon as the data is fully received; a
Bus Abort during the final TAR cycles is not
guaranteed to abort the command; the bus,
however, will be released immediately.
Standby. When LFRAME is High, VIH, the
memory is put into Standby mode where LAD0-
LAD3 are put into a high-impedance state and the
Supply Current is reduced to the Standby level,
ICC1.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when Interface Reset, RP, or CPU
Reset, INIT, is Low, VIL. RP or INIT must be held
Low, VIL, for tPLPH. The memory resets to Read
mode upon return from Reset mode and the Lock
Registers return to their default states regardless
of their state before Reset, see Table 15. If RP or
INIT goes Low, VIL, during a Program or Erase
operation, the operation is aborted and the
memory cells affected no longer contain valid
data; the memory can take up to tPLRH to abort a
Program or Erase operation.
Block Protection. Block
Protection
can
be
forced using the signals Top Block Lock, TBL, and
Write Protect, WP, regardless of the state of the
Lock Registers.
Table 5. Block Addresses
Note: For A19 value, refer to Table 2.
Size
(Kbytes)
Address Range
Block
Number
Block Type
64
70000h-7FFFFh
7
Top Block
64
60000h-6FFFFh
6
Main Block
64
50000h-5FFFFh
5
Main Block
64
40000h-4FFFFh
4
Main Block
64
30000h-3FFFFh
3
Main Block
64
20000h-2FFFFh
2
Main Block
64
10000h-1FFFFh
1
Main Block
64
00000h-0FFFFh
0
Main Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com