Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics M50LPW040 Datasheet HTML 10Page - STMicroelectronics M50LPW040 Datasheet HTML 11Page - STMicroelectronics M50LPW040 Datasheet HTML 12Page - STMicroelectronics M50LPW040 Datasheet HTML 13Page - STMicroelectronics M50LPW040 Datasheet HTML 14Page - STMicroelectronics M50LPW040 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/36
M50LPW040
Read Memory Array Command. The Read Mem-
ory Array command returns the memory to its
Read mode where it behaves like a ROM or
EPROM. One Bus Write cycle is required to issue
the Read Memory Array command and return the
memory to Read mode. Once the command is is-
sued the memory remains in Read mode until an-
other command is issued. From Read mode Bus
Read operations will access the memory array.
While the Program/Erase Controller is executing a
Program or Erase operation the memory will not
accept the Read Memory Array command until the
operation completes.
Read Status Register Command. The Read Sta-
tus Register command is used to read the Status
Register. One Bus Write cycle is required to issue
the Read Status Register command. Once the
command is issued subsequent Bus Read opera-
tions read the Status Register until another com-
mand is issued. See the section on the Status
Register for details on the definitions of the Status
Register bits.
Read Electronic Signature Command. The Read
Electronic Signature command is used to read the
Manufacturer Code and the Device Code. One
Bus Write cycle is required to issue the Read
Electronic
Signature
command.
Once
the
command
is
issued
subsequent
Bus
Read
operations read the Manufacturer Code or the
Device
Code
until
a
Read
Memory
Array
command is issued.
After the Read Electronic Signature Command is
issued the Manufacturer Code and Device Code
can be read using Bus Read operations using the
addresses in Table 10.
Program Command. The
Program
command
can be used to program a value to one address in
the memory array at a time. Two Bus Write
operations are required to issue the command; the
second Bus Write cycle latches the address and
data in the internal state machine and starts the
Program/Erase Controller. Once the command is
issued subsequent Bus Read operations read the
Status Register. See the section on the Status
Register for details on the definitions of the Status
Register bits.
If the address falls in a protected block then the
Program operation will abort, the data in the
memory array will not be changed and the Status
Register will output the error.
During the Program operation the memory will
only accept the Read Status Register command
and the Program/Erase Suspend command. All
other commands will be ignored. Typical Program
times are given in Table 12.
Note that the Program command cannot change a
bit set at ‘0’ back to ‘1’ and attempting to do so will
not cause any modification on its value. One of the
Erase commands must be used to set all of the
bits in the block to ‘1’.
See Figure 14, Program Flowchart and Pseudo
Code, for a suggested flowchart on using the
Program command.
Quadruple Byte Program Command. The Qua-
druple Byte Program Command can be only used
in A/A Mux mode to program four adjacent bytes
in the memory array at a time. The four bytes must
differ
only for
the
addresses A0
and
A1.
Programming should not be attempted when VPP
is not at VPPH. The operation can also be executed
if VPP is below VPPH, but result could be uncertain.
Five Bus Write operations are required to issue the
command. The second, the third and the fourth
Bus Write cycle latches respectively the address
and data of the first, the second and the third byte
in the internal state machine. The fifth Bus Write
cycle latches the address and data of the fourth
byte in the internal state machine and starts the
Program/Erase Controller. Once the command is
issued subsequent Bus Read operations read the
Status Register. See the section on the Status
Register for details on the definitions of the Status
Register bits.
During the Quadruple Byte Program operation the
memory will only accept the Read Status register
command and the Program/Erase Suspend com-
mand. All other commands will be ignored. Typical
Quadruple Byte Program times are given in Table
12.
Note that the Quadruple Byte Program command
cannot change a bit set to ‘0’ back to ‘1’ and
attempting to do so will not cause any modification
on its value. One of the Erase commands must be
used to set all of the bits in the block to ‘1’.
See Figure 15, Quadruple Byte Program Flow-
chart and Pseudo Code, for a suggested flowchart
on using the Quadruple Byte Program command.
Chip Erase Command. The Chip Erase Com-
mand can be only used in A/A Mux mode to erase
the entire chip at a time. Erasing should not be at-
tempted when VPP is not at VPPH. The operation
can also be executed if VPP is below VPPH, but re-
sult could be uncertain. Two Bus Write operations
are required to issue the command and start the
Program/Erase Controller. Once the command is
issued subsequent Bus Read operations read the
Table 10. Read Electronic Signature
Note: For A19 value, refer to Table 2.
Code
Address
Data
Manufacturer Code
00000h
20h
Device Code
00001h
26h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com