Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 14Page - STMicroelectronics M50LPW040 Datasheet HTML 15Page - STMicroelectronics M50LPW040 Datasheet HTML 16Page - STMicroelectronics M50LPW040 Datasheet HTML 17Page - STMicroelectronics M50LPW040 Datasheet HTML 18Page - STMicroelectronics M50LPW040 Datasheet HTML 19Page - STMicroelectronics M50LPW040 Datasheet HTML 20Page - STMicroelectronics M50LPW040 Datasheet HTML 21Page - STMicroelectronics M50LPW040 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
M50LPW040
18/36
Table 17. LPC Interface AC Measurement Conditions
Parameter
Value
Unit
VCC Supply Voltage
3.0 to 3.6
V
Load Capacitance (CL)
10
pF
Input Rise and Fall Times
≤ 1.4
ns
Input Pulse Voltages
0.2 VCC and 0.6 VCC
V
Input and Output Timing Ref. Voltages
0.4 VCC
V
Figure 7. LPC Interface AC Testing Input Output Waveforms
AI03404
0.6 VCC
0.2 VCC
0.4 VCC
IO > ILO
IO < ILO
IO < ILO
Input and Output AC Testing Waveform
Output AC Tri-state Testing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com