Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 28Page - STMicroelectronics M50LPW040 Datasheet HTML 29Page - STMicroelectronics M50LPW040 Datasheet HTML 30Page - STMicroelectronics M50LPW040 Datasheet HTML 31Page - STMicroelectronics M50LPW040 Datasheet HTML 32Page - STMicroelectronics M50LPW040 Datasheet HTML 33Page - STMicroelectronics M50LPW040 Datasheet HTML 34Page - STMicroelectronics M50LPW040 Datasheet HTML 35Page - STMicroelectronics M50LPW040 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
M50LPW040
32/36
Figure 19. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
AI03410
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
Program/Erase Suspend command:
– write B0h
– write 70h
do:
– read Status Register
while b7 = 1
If b6 = 0, Erase completed
Write D0h
Read data from
another block
or
Program
Start
Write B0h
Erase Complete
Write FFh
Read Data
Program/Erase Resume command:
– write D0h to resume erase
– if the Erase operation completed
then this is not necessary.
The device returns to Read as
normal (as if the Program/Erase
suspend was not issued).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com