Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 21Page - STMicroelectronics M50LPW040 Datasheet HTML 22Page - STMicroelectronics M50LPW040 Datasheet HTML 23Page - STMicroelectronics M50LPW040 Datasheet HTML 24Page - STMicroelectronics M50LPW040 Datasheet HTML 25Page - STMicroelectronics M50LPW040 Datasheet HTML 26Page - STMicroelectronics M50LPW040 Datasheet HTML 27Page - STMicroelectronics M50LPW040 Datasheet HTML 28Page - STMicroelectronics M50LPW040 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
M50LPW040
Table 25. A/A Mux Interface Write AC Characteristics
(TA = 0 to 70°C or –20 to 85°C; VCC = 3.0 to 3.6V)
Note: 1. Sampled only, not 100% tested.
2. Applicable if VPP is seen as a logic input (VPP < 3.6V).
Symbol
Parameter
Test Condition
Value
Unit
tWLWH
Write Enable Low to Write Enable High
Min
100
ns
tDVWH
Data Valid to Write Enable High
Min
50
ns
tWHDX
Write Enable High to Data Transition
Min
5
ns
tAVCL
Row Address Valid to RC Low
Min
50
ns
tCLAX
RC Low to Row Address Transition
Min
50
ns
tAVCH
Column Address Valid to RC High
Min
50
ns
tCHAX
RC High to Column Address Transition
Min
50
ns
tWHWL
Write Enable High to Write Enable Low
Min
100
ns
tCHWH
RC High to Write Enable High
Min
50
ns
tVPHWH
(1)
VPP High to Write Enable High
Min
100
ns
tWHGL
Write Enable High to Output Enable Low
Min
30
ns
tWHRL
Write Enable High to RB Low
Min
0
ns
tQVVPL
(1,2)
Output Valid, RB High to VPP Low
Min
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com