Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 24Page - STMicroelectronics M50LPW040 Datasheet HTML 25Page - STMicroelectronics M50LPW040 Datasheet HTML 26Page - STMicroelectronics M50LPW040 Datasheet HTML 27Page - STMicroelectronics M50LPW040 Datasheet HTML 28Page - STMicroelectronics M50LPW040 Datasheet HTML 29Page - STMicroelectronics M50LPW040 Datasheet HTML 30Page - STMicroelectronics M50LPW040 Datasheet HTML 31Page - STMicroelectronics M50LPW040 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
M50LPW040
28/36
Figure 15. Quadruple Byte Program Flowchart and Pseudo Code (A/A Mux Interface Only)
Note: 1. A Status check of b3 (VPP invalid) and b4 (Program Error) can be made after each Program operation by following the correct com-
mand sequence.
2. If an error is found, the Status Register must be cleared before further Program/Erase Controller operations.
3. Address 1, Address 2, Address 3 and Address 4 must be consecutive addresses differing only for address bits A0 and A1.
AI03982
Write Address 4
& Data 4 (3)
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
Quadruple Byte Program command:
– write 30h
– write Address 1 & Data 1 (3)
– write Address 2 & Data 2 (3)
– write Address 3 & Data 3 (3)
– write Address 4 & Data 4 (3)
(memory enters read status state after
the Quadruple Byte Program command)
do:
– read Status Register if Program/Erase
Suspend command given execute
suspend program loop
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4 = 1, Program error:
– error handler
End
YES
Suspend
Suspend
Loop
NO
YES
Write 30h
Start
Write Address 1
& Data 1 (3)
Write Address 2
& Data 2 (3)
Write Address 3
& Data 3 (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com