Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 1 Page - STMicroelectronics

  M50LPW040 Datasheet HTML 1Page - STMicroelectronics M50LPW040 Datasheet HTML 2Page - STMicroelectronics M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
PRELIMINARY DATA
March 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M50LPW040
4 Mbit (512Kb x8, Uniform Block)
3V Supply Low Pin Count Flash Memory
s
SUPPLY VOLTAGE
–VCC = 3V to 3.6V for Program, Erase and
Read Operations
–VPP = 12V for Fast Program and Fast Erase
(optional)
s
TWO INTERFACES
– Low Pin Count (LPC) Standard Interface for
embedded operation with PC Chipsets.
– Address/Address Multiplexed (A/A Mux) In-
terface for programming equipment compati-
bility.
s
LPC HARDWARE INTERFACE MODE
– 5 Signal Communication Interface supporting
Read and Write Operations
– Hardware Write Protect Pins for Block Pro-
tection
– Register Based Read and Write Protection
– 5 Additional General Purpose Inputs for plat-
form design flexibility
– Synchronized with 33 MHz PCI clock
s
PROGRAMMING TIME
– 10µs typical
– Quadruple Byte Programming Option
s
8 UNIFORM 64 Kbyte MEMORY BLOCKS
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program and Block/Chip
Erase algorithms
– Status Register Bits
s
PROGRAM and ERASE SUSPEND
– Read other Blocks during Program/Erase
Suspend
– Program other Blocks during Erase Suspend
s
FOR USE in PC BIOS APPLICATIONS
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 26h
Figure 1. Logic Diagram (LPC Interface)
AI05435
3
LFRAME
LAD0-
LAD3
VCC
M50LPW040
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID2
GPI0-
GPI4
VPP
TSOP40 (N)
10 x 20mm
PLCC32 (K)


Similar Part No. - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW041K STMICROELECTRONICS-M50LPW041K Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW041K1T STMICROELECTRONICS-M50LPW041K1T Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW041N STMICROELECTRONICS-M50LPW041N Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW041N1T STMICROELECTRONICS-M50LPW041N1T Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
More results

Similar Description - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com