Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 18Page - STMicroelectronics M50LPW040 Datasheet HTML 19Page - STMicroelectronics M50LPW040 Datasheet HTML 20Page - STMicroelectronics M50LPW040 Datasheet HTML 21Page - STMicroelectronics M50LPW040 Datasheet HTML 22Page - STMicroelectronics M50LPW040 Datasheet HTML 23Page - STMicroelectronics M50LPW040 Datasheet HTML 24Page - STMicroelectronics M50LPW040 Datasheet HTML 25Page - STMicroelectronics M50LPW040 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
M50LPW040
22/36
Table 22. LPC Interface AC Signal Timing Characteristics
(TA = 0 to 70°C or –20 to 85°C; VCC = 3.0 to 3.6V)
Note: 1. The timing measurements for Active/Float transitions are defined when the current through the pin equals the leakage current spec-
ification.
2. Applies to all inputs except CLK.
Symbol
PCI
Symbol
Parameter
Test Condition
Value
Unit
tCHQV
tval
CLK to Data Out
Min
2
ns
Max
11
ns
tCHQX
(1)
ton
CLK to Active
(Float to Active Delay)
Min
2
ns
tCHQZ
toff
CLK to Inactive
(Active to Float Delay)
Max
28
ns
tAVCH
tDVCH
tsu
Input Set-up Time(2)
Min
7
ns
tCHAX
tCHDX
th
Input Hold Time(2)
Min
0
ns
Figure 10. LPC Interface AC Signal Timing Waveforms
AI04431
tCHQV
tCHQX
tCHQZ
tCHDX
VALID
LAD0-LAD3
tDVCH
CLK
VALID OUTPUT DATA
FLOAT OUTPUT DATA
VALID INPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com