Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 5 Page - STMicroelectronics

  M50LPW040 Datasheet HTML 1Page - STMicroelectronics M50LPW040 Datasheet HTML 2Page - STMicroelectronics M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
M50LPW040
from the memory. They output the data stored at
the selected address during a Bus Read opera-
tion. During Bus Write operations they represent
the commands sent to the Command Interface of
the internal state machine. The Data Inputs/Out-
puts, DQ0-DQ7, are latched during a Bus Write
operation.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the memory.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
Row/Column Address Select (RC). The
Row/
Column Address Select input selects whether the
Address Inputs should be latched into the Row
Address bits (A0-A10) or the Column Address bits
(A11-A18). The Row Address bits are latched on
the falling edge of RC whereas the Column
Address bits are latched on the rising edge.
Ready/Busy Output (RB). The Ready/Busy pin
gives the status of the memory’s Program/Erase
Controller. When Ready/Busy is Low, VOL, the
memory is busy with a Program or Erase operation
and it will not accept any additional Program or
Erase
command
except
the
Program/Erase
Suspend command. When Ready/Busy is High,
VOH, the memory is ready for any Read, Program
or Erase operation.
Top Block Lock (TBL). The
Top
Block
Lock
input is used to prevent the Top Block (Block 7)
from being changed. When Top Block Lock, TBL,
is set Low, VIL, Program and Block Erase
operations in the Top Block have no effect,
regardless of the state of the Lock Register. When
Top Block Lock, TBL, is set High, VIH, the
protection of the Block is determined by the Lock
Register. The state of Top Block Lock, TBL, does
not affect the protection of the Main Blocks (Blocks
0 to 6).
Top Block Lock, TBL, must be set prior to a Pro-
gram or Block Erase operation is initiated and
must not be changed until the operation completes
or unpredictable results may occur. Care should
be taken to avoid unpredictable behavior by
changing TBL during Program or Erase Suspend.
Write Protect (WP). The Write Protect input is
used to prevent the Main Blocks (Blocks 0 to 6)
from being changed. When Write Protect, WP, is
set Low, VIL, Program and Block Erase operations
in the Main Blocks have no effect, regardless of
the state of the Lock Register. When Write Protect,
WP, is set High, VIH, the protection of the Block is
determined by the Lock Register. The state of
Write Protect, WP, does not affect the protection of
the Top Block (Block 7).
Write Protect, WP, must be set prior to a Program
or Block Erase operation is initiated and must not
be changed until the operation completes or un-
predictable results may occur. Care should be tak-
en to avoid unpredictable behavior by changing
WP during Program or Erase Suspend.
Reserved for Future Use (RFU). These pins do
not have assigned functions in this revision of the
part. They must be left disconnected. (Pin 9 in the
PLCC32, and Pin 21 in the TSOP40, may also be
driven High or driven Low.)
Address/Address Multiplexed (A/A Mux)
Signal Descriptions
For the Address/Address Multiplexed (A/A Mux)
Interface see Figure 2, Logic Diagram, and Table
3, Signal Names.
Address Inputs (A0-A10). The Address Inputs
are used to set the Row Address bits (A0-A10) and
the Column Address bits (A11-A18). They are
latched during any bus operation by the Row/Col-
umn Address Select input, RC.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs hold the data that is written to or read
Table 3. Signal Names (A/A Mux Interface)
IC
Interface Configuration
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
G
Output Enable
W
Write Enable
RC
Row/Column Address Select
RB
Ready/Busy Output
RP
Interface Reset
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast
Program and Fast Erase
Operations
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com