Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics M50LPW040 Datasheet HTML 10Page - STMicroelectronics M50LPW040 Datasheet HTML 11Page - STMicroelectronics M50LPW040 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
M50LPW040
8/36
Table 6. LPC Bus Read Field Definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
LAD0-
LAD3
Memory
I/O
Description
1
1
START
0000b
I
On the rising edge of CLK with LFRAME Low, the contents
of LAD0-LAD3 must be 0000b to indicate the start of a LPC
cycle.
21
CYCTYPE
+ DIR
0100b
I
Indicates the type of cycle. Bits 3:2 must be 01b. Bit 1
indicates the direction of transfer: 0b for read. Bit 0 is 0
3-10
8
ADDR
XXXX
I
A 32-bit address phase is transferred starting with the most
significant nibble first. A23-A31 must be set to 1. A22 = 1 for
Array, A22 = 0 for registers access. For A19-A21 values,
refer to Table 2.
11
1
TAR
1111b
I
The host drives LAD0-LAD3 to 1111b to indicate a
turnaround cycle.
12
1
TAR
1111b
(float)
O
The LPC Flash Memory takes control of LAD0-LAD3 during
this cycle.
13-14
2
WSYNC
0101b
O
The LPC Flash Memory drives LAD0-LAD3 to 0101b (short
wait-sync) for two clock cycles, indicating that the data is not
yet available. Two wait-states are always included.
15
1
RSYNC
0000b
O
The LPC Flash Memory drives LAD0-LAD3 to 0000b,
indicating that data will be available during the next clock
cycle.
16-17
2
DATA
XXXX
O
Data transfer is two CLK cycles, starting with the least
significant nibble.
18
1
TAR
1111b
O
The LPC Flash Memory drives LAD0-LAD3 to 1111b to
indicate a turnaround cycle.
19
1
TAR
1111b
(float)
N/A
The LPC Flash Memory floats its outputs, the host takes
control of LAD0-LAD3.
Figure 5. LPC Bus Read Waveforms
AI04429
CLK
LFRAME
LAD0-LAD3
Number of
clock cycles
START
CYCTYPE
+ DIR
ADDR
TAR
SYNC
DATA
TAR
1182322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com