Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 10Page - STMicroelectronics M50LPW040 Datasheet HTML 11Page - STMicroelectronics M50LPW040 Datasheet HTML 12Page - STMicroelectronics M50LPW040 Datasheet HTML 13Page - STMicroelectronics M50LPW040 Datasheet HTML 14Page - STMicroelectronics M50LPW040 Datasheet HTML 15Page - STMicroelectronics M50LPW040 Datasheet HTML 16Page - STMicroelectronics M50LPW040 Datasheet HTML 17Page - STMicroelectronics M50LPW040 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
M50LPW040
14/36
Table 13. Status Register Bits
Note: 1. For Program operations during Erase Suspend Bit 6 is ‘1’, otherwise Bit 6 is ‘0’.
Operation
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Program active
‘0’
X(1)
‘0’
‘0’
‘0’
‘0’
‘0’
Program suspended
‘1
X(1)
‘0’
‘0’
‘0’
‘1’
‘0’
Program completed successfully
‘1’
X(1)
‘0’
‘0’
‘0’
‘0’
‘0’
Program failure due to VPP Error
‘1’
X(1)
‘0’
‘0’
‘1’
‘0’
‘0’
Program failure due to Block Protection (LPC Interface only)
‘1’
X(1)
‘0’
‘0’
‘0’
‘0’
‘1’
Program failure due to cell failure
‘1’
X(1)
‘0’
‘1’
‘0’
‘0’
‘0’
Erase active
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Block Erase suspended
‘1’
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase completed successfully
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase failure due to VPP Error
‘1’
‘0’
‘0’
‘0’
‘1’
‘0’
‘0’
Block Erase failure due to Block Protection (LPC Interface
only)
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
‘1’
Erase failure due to failed cell(s)
‘1’
‘0’
‘1’
‘0’
‘0’
‘0’
‘0’
STATUS REGISTER
The Status Register provides information on the
current or previous Program or Erase operation.
Different bits in the Status Register convey
different information and errors on the operation.
To read the Status Register the Read Status
Register command can be issued. The Status
Register is automatically read after Program,
Erase and Program/Erase Resume commands
are issued. The Status Register can be read from
any address.
The Status Register bits are summarized in Table
13, Status Register Bits. Refer to Table 13 in con-
junction with the text descriptions below.
Program/Erase Controller Status (Bit 7). The Pro-
gram/Erase Controller Status bit indicates whether
the Program/Erase Controller is active or inactive.
When the Program/Erase Controller Status bit is
‘0’, the Program/Erase Controller is active; when
the bit is ‘1’, the Program/Erase Controller is inac-
tive.
The Program/Erase Controller Status is ‘0’ imme-
diately after a Program/Erase Suspend command
is issued until the Program/Erase Controller paus-
es. After the Program/Erase Controller pauses the
bit is ‘1’.
During Program and Erase operation the Pro-
gram/Erase Controller Status bit can be polled to
find the end of the operation. The other bits in the
Status Register should not be tested until the Pro-
gram/Erase Controller completes the operation
and the bit is ‘1’.
After the Program/Erase Controller completes its
operation the Erase Status, Program Status, VPP
Status and Block Protection Status bits should be
tested for errors.
Erase Suspend Status (Bit 6). The Erase Sus-
pend Status bit indicates that a Block Erase oper-
ation has been suspended and is waiting to be
resumed. The Erase Suspend Status should only
be considered valid when the Program/Erase
Controller Status bit is ‘1’ (Program/Erase Control-
ler inactive); after a Program/Erase Suspend com-
mand is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Erase Suspend Status bit is ‘0’ the Pro-
gram/Erase Controller is active or has completed
its operation; when the bit is ‘1’ a Program/Erase
Suspend command has been issued and the
memory is waiting for a Program/Erase Resume
command.
When a Program/Erase Resume command is is-
sued the Erase Suspend Status bit returns to ‘0’.
Erase Status (Bit 5). The Erase Status bit can be
used to identify if the memory has applied the
maximum number of erase pulses to the block(s)
and still failed to verify that the block(s) has erased
correctly. The Erase Status bit should be read
once the Program/Erase Controller Status bit is ‘1’
(Program/Erase Controller inactive).
When the Erase Status bit is ‘0’ the memory has
successfully verified that the block(s) has erased
correctly; when the Erase Status bit is ‘1’ the Pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com