Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
23 / 91
/
6.3.2
ADDRESSED state
With a correct INITBIDIR / INITLOOP telegram the SAID IC reaches the INITIALIZED state. A
SAID, receiving the address, latches the received address, changes the address field to the
next possible value and sends it via output SIO port. After this operation, it waits for a new
telegram. Any further INITBIDIR / INITLOOP telegrams will not change the state of the device.
In this way the received address is incremented by +1 and sent to next device in the chain. If
the IC has detected it is the last node in a chain, it sends a response telegram back to the
MCU.
6.3.3
ACTIVE state
The transition to this state is via GOACTIVE command only. LED drivers are activated if the
PWM parameter is greater than 0 and no diagnosis flag bit occurred, according to the wanted
error trapping behavior specified via SETUP register. Received PWM parameters for drivers
are latched till the next SETPWMCHN / SETPWM command is received. Since SAID has the
OV_FLAG set after RESET, it will not switch to ACTIVE state unless the error trapping
behavior is changed beforehand in the SETUP register. It is recommended to send a
READSTATUS or READTEMPSTAT / CLEAREVENT before GOACTIVE is transmitted.
6.3.4
SLEEP state
The device enters SLEEP mode after following conditions:
•
After initial INITBIDIR / INITLOOP(default state)
•
An error bit gets flagged whose trapping is enabled in the SETUP register (if previous state
is the active state)
•
Receiving a GOSLEEP telegram.
The LED drivers are disabled. The last PWM parameters remains latched. A PWM parameter
update is possible SETPWMCHN telegram.
The faults/diagnostic flags that lead to SLEEP mode are specified in the SETUP register.
During SLEEP mode reading diagnostic flags and temperature is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com