Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 50Page - ams-OSRAM AG AS1163 Datasheet HTML 51Page - ams-OSRAM AG AS1163 Datasheet HTML 52Page - ams-OSRAM AG AS1163 Datasheet HTML 53Page - ams-OSRAM AG AS1163 Datasheet HTML 54Page - ams-OSRAM AG AS1163 Datasheet HTML 55Page - ams-OSRAM AG AS1163 Datasheet HTML 56Page - ams-OSRAM AG AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
54 / 91
/
7.1
Incorrect preamble
Telegrams with incorrect preamble will be silently discarded without raising an error flag. They
will not be forwarded. The command will not be interpreted by the node.
7.2
Invalid address
Telegrams with an address 0x3FF will be silently discarded without raising an error flag. They
will not be forwarded. The command will not be interpreted by the node.
7.3
Premature end of message
If the transmission ends before the expected number of bits (given by the PSI value) has been
received, an error flag will be raised. The command will not be interpreted by the node.
As forwarding may start before the message has been fully received, forwarding will not be
stopped.
7.4
Additional data after end of message
If the transmission continues after the expected number of bits (given by the PSI value) has
been received, these additional bits will be silently discarded. No error flag will be raised.
As forwarding may start before the message has been fully received, forwarding will not be
stopped.
7.5
Incorrect CRC
If the CRC check word is incorrect, an error flag shall be raised. The message shall not be
interpreted by the node.
As forwarding may start before the message has been fully received, forwarding shall not be
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com