Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 44Page - ams-OSRAM AG AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG AS1163 Datasheet HTML 48Page - ams-OSRAM AG AS1163 Datasheet HTML 49Page - ams-OSRAM AG AS1163 Datasheet HTML 50Page - ams-OSRAM AG AS1163 Datasheet HTML 51Page - ams-OSRAM AG AS1163 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
48 / 91
/
6.11.1
Undervoltage failure
Sets STATUS.UV_FLAG (bit 0) when there is an under voltage event.
The event takes place with VDD_UV. If VDD falls below the VDD_UV threshold, the
corresponding flag bit will be set after a de-glitch time. The flag bit will be deleted when the
Status Register is requested by host and VDD is recovered to VDD>VDD_UV.
6.11.2
Overvoltage failure
In case the internal regulator fails (an unlikely and rare event) resulting in an over-voltage
condition for the internal circuitry being supplied by it, an over-voltage monitor provides a flag
to enable detection. Such conditions can be dangerous, as oscillator and digital circuitry can
suffer reduced lifetime and failure while operating above maximum absolute limits.
This flag can be used at system level to react accordingly and implement functional safety
measures.
This event sets STATUS.OV_FLAG (bit 4).
The flag is cleared upon read-out of the status register and is raised again if the condition
persists.
When a SAID comes out of RESET, its OV_FLAG is always set. It is advised to broadcast a
CLRERROR or perform an individual READSTAT / READTEMPSTAT after RESET and INIT.
6.11.3
Overtemperature failure
Sets STATUS.OT_FLAG (bit 1) when an overtemperature event occurs.
The temperature level and relative hysteresis is defined in Table 4 and it is required to avoid
thermal overstress of the IC. The flag bit will be deleted when the Status Register is requested
by host and temperature is lower than the hysteric value.
Refer to commands SETOTTH, READOTTH for accessing the overtemperature threshold
register. Default or lower values are mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com