Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1163 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
28 / 91
/
6.4.1.2
Temperature sensor
The temperature sensor relies on the 8 least significant bits of the 10-bit reading from the ADC,
that measures an internally generated PTAT voltage.
The temperature value is obtained as follows, where TEMPVALUE is obtained via READTEMP
(or READTEMPSTAT):
T(C) = (TEMPVALUE – 116) / 0.85 + 25
The overtemperature flag is set when the actual measurement is larger than
OT_HIGH_VALUE.
Before the flag is set, an error counter is incremented and compared with a threshold. The
OT_CYCLE register defines this threshold.
A similar down-counting is performed before setting the overtemperature flag to zero, when the
temperature measurement is lower than OT_LOW_VALUE.
Table 7: Overtemperature cycle counter mechanism
OT_CYCLE<1:0>
Low pass filter cycle length (number of consecutive measurements)
2’b00
1 cycle
2’b01
2 cycles
2’b10
3 cycles
2’b11
4 cycles
6.5
Serial I/O interface (SIO)
SAID is compatible with the OSP protocol. This section provides an introduction, while an in-
depth description of the protocol is left to the supporting OSP documentation.
New features from the OSP protocol are supported by SAID, such as:
•
Multi-cast commands
•
SW, HW sync
•
Power-rail-info-feedback serial broadcast message
•
Parallel addressing with dedicated OTP fuse and external programming
•
I²C bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com